Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4661-020E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4661-020E
Description  High CMR, High Speed TTL Compatible Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4661-020E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4661-020E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-020E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-020E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-020E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-020E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-4661-020E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
Absolute Maximum Ratings* (No Derating Required up to 85 °C)
Parameter
Symbol
Package**
Min.
Max.
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
85
°C
Average Forward Input Current
I
F
Single 8-Pin DIP
20
mA
2
Single SO-8
Widebody
Dual 8-Pin DIP
15
1, 3
Dual SO-8
Reverse Input Voltage
V
R
8-Pin DIP, SO-8
5
V
1
Widebody
3
Input Power Dissipation
P
I
Widebody
40
mW
Supply Voltage
V
CC
7
V
(1 Minute Maximum)
Enable Input Voltage (Not to
V
E
Single 8-Pin DIP
V
CC + 0.5
V
Exceed V
CC by more than
Single SO-8
500 mV)
Widebody
Enable Input Current
I
E
5
mA
Output Collector Current
I
O
50
mA
1
Output Collector Voltage
V
O
7
V
1
Output Collector Power
P
O
Single 8-Pin DIP
85
mW
Dissipation
Single SO-8
Widebody
Dual 8-Pin DIP
60
1, 4
Dual SO-8
Lead Solder Temperature
T
LS
8-Pin DIP
260 °C for 10 sec.,
(Through Hole Parts Only)
1.6 mm below seating plane
Widebody
260 °C for 10 sec.,
up to seating plane
Solder Reflow Temperature
SO-8 and
See Package Outline
Profile (Surface Mount Parts Only)
Option 300
Drawings section
*JEDEC Registered Data (for 6N137 only).
**Ratings apply to all devices except otherwise noted in the Package column.
†0 °C to 70 °C on JEDEC Registration.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
I
FL*
0
250
µA
Input Current, High Level[1]
I
FH**
5
15
mA
Power Supply Voltage
V
CC
4.5
5.5
V
Low Level Enable Voltage
V
EL
0
0.8
V
High Level Enable Voltage
V
EH
2.0
V
CC
V
Operating Temperature
T
A
-40
85
°C
Fan Out (at R
L = 1 kΩ)
[1]
N
5
TTL Loads
Output Pull-up Resistor
R
L
330
4 k
Ω
*The off condition can also be guaranteed by ensuring that V
FL ≤ 0.8 V.
**The initial switching threshold is 5 mA or less. It is recommended that 6.3 mA to 10 mA be used for best performance and to permit at least a 20%
LED degradation guardband.
†For single channel products only.


Similar Part No. - HCPL-4661-020E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4661 HP-HCPL-4661 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-4661 HP-HCPL-4661 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-4661 HP-HCPL-4661 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-4661 HP-HCPL-4661 Datasheet
162Kb / 10P
   Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4661 AVAGO-HCPL-4661 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results

Similar Description - HCPL-4661-020E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com