Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXN480530S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXN480530S
Description  Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXN480530S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXN480530S Datasheet HTML 1Page - Panasonic Semiconductor AXN480530S Datasheet HTML 2Page - Panasonic Semiconductor AXN480530S Datasheet HTML 3Page - Panasonic Semiconductor AXN480530S Datasheet HTML 4Page - Panasonic Semiconductor AXN480530S Datasheet HTML 5Page - Panasonic Semiconductor AXN480530S Datasheet HTML 6Page - Panasonic Semiconductor AXN480530S Datasheet HTML 7Page - Panasonic Semiconductor AXN480530S Datasheet HTML 8Page - Panasonic Semiconductor AXN480530S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXN(1/3/4)
ACCTB25E 201303-T
ORDERING INFORMATION
1. P8 (11.5 mm)
2. P8 (3.0 mm, 3.5 mm, 4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 7.0 mm, 8.0 mm, 13.0 mm, 14.0 mm)
AXN
1
0115
Terminal shape/Mated direction/Mated height
0: For SMD vertical mating, mated height 11.5 mm
Surface treatment (Contact portion / Terminal portion)
1: Ni plating on base, Au plating on surface / Ni plating on base, Au plating on surface
Other specifications
5: Part control number
Number of pins (2 digits)
Packing
P: Embossed tape and paper reel
× 2
S: Tube package
1: Narrow Pitch Connector P8 (0.8 mm pitch)
Socket and header are common
Suction cover
Nil: Without suction tape
C: With suction tape
Functions
1: With soldering terminals, with positioning bosses
AXN
Mated height
<Socket>
0: For mated height 3.0 mm, 4.0 mm and 5.0 mm
1: For mated height 6.0 mm, 7.0 mm, 8.0 mm, 13.0 mm and 14.0 mm
2: For mated height 3.5 mm, 4.5 mm and 5.5 mm
<Header>
0: For mated height 13.0 mm
1: For mated height 14.0 mm
3: For mated height 3.0 mm, 3.5 mm and 6.0 mm
4: For mated height 4.0 mm, 4.5 mm and 7.0 mm
5: For mated height 5.0 mm, 5.5 mm and 8.0 mm
Surface treatment (Contact portion / Terminal portion)
<Socket>
0: Ni plating on base, Au plating on surface / Ni plating on base, Au plating on surface (Applies to mated heights of 6.0 to 14.0 mm.)
8: Ni plating on base, Au plating on surface / Ni plating on base, Au plating on surface (Applies to mated heights of 3.0 to 5.5 mm.)
<Header>
0: Ni plating on base, Au plating on surface / Ni plating on base, Au plating on surface
Packing
J: 1,500 pieces embossed tape and paper reel
× 2
P: 1,000 pieces embossed tape and paper reel
× 2
S: Tube package
Number of pins (2 digits)
3: Narrow Pitch Connector P8 (0.8 mm pitch) Socket
4: Narrow Pitch Connector P8 (0.8 mm pitch) Header
Suction tape and cover
Nil: Socket; without suction tape, Header; without suction cover
C: Socket; with suction tape, Header; with suction cover
Functions
3: With positioning bosses
(Except for mated height 13.0 mm header, embossed tape packing)
4: Without positioning bosses
(Mated height 13.0 mm header, embossed tape packing and mated height 14.0 mm header only)
Notes: 1. The tape width for 100-pin embossed tape packaging is non-JIS standard. Please inquire.
2. The depth of the embossed tape for headers with 13 mm and 14 mm mated heights is non-JIS standard. Please test with your mounter before using.
3. Models possible for “J” packaging are as follows:
Socket mated heights: 3.0 mm, 3.5 mm, 4.0 mm, 4.5 mm, 5.0 mm, and 5.5 mm
Headers: Mated heights 3.0 mm, 3.5 mm, and 6.0 mm


Similar Part No. - AXN480530S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXN500045G PANASONIC-AXN500045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN530045G PANASONIC-AXN530045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN540045G PANASONIC-AXN540045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
More results

Similar Description - AXN480530S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com