Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2SA-12V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # TQ2SA-12V
Description  2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2SA-12V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  TQ2SA-12V Datasheet HTML 1Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 2Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 3Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 4Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 5Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 6Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 7Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 8Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
■ Surface-mount terminal
1. Coil data
1) Single side stable
2) 1 coil latching
3) 2 coil latching
*Pulse drive (JIS C 5442-1986)
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
(at 20
°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
1.5V DC
75%V or less of
nominal voltage*
(Initial)
10%V or more of
nominal voltage*
(Initial)
93.8mA
16
140mW
150%V of
nominal voltage
3V DC
46.7mA
64.3
4.5V DC
31mA
145
5V DC
28.1mA
178
6V DC
23.3mA
257
9V DC
15.5mA
579
12V DC
11.7mA
1,028
24V DC
8.3mA
2,880
200mW
48V DC
6.3mA
7,680
300mW
120%V of
nominal voltage
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
(at 20
°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
1.5V DC
75%V or less of
nominal voltage*
(Initial)
75%V or less of
nominal voltage*
(Initial)
46.9mA
32
70mW
150%V of
nominal voltage
3V DC
23.3mA
128.6
4.5V DC
15.6mA
289.3
5V DC
14mA
357
6V DC
11.7mA
514
9V DC
7.8mA
1,157
12V DC
5.8mA
2,057
24V DC
4.2mA
5,760
100mW
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
(at 20
°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
1.5V DC
75%V or less of
nominal voltage*
(Initial)
75%V or less of
nominal voltage*
(Initial)
93.8mA
93.8mA
16
16
140mW
140mW
150%V of
nominal voltage
3V DC
46.7mA
46.7mA
64.3
64.3
4.5V DC
31mA
31mA
145
145
5V DC
28.1mA
28.1mA
178
178
6V DC
23.3mA
23.3mA
257
257
9V DC
15.5mA
15.5mA
579
579
12V DC
11.7mA
11.7mA
1,028
1,028
24V DC
8.3mA
8.3mA
2,880
2,880
200mW
200mW


Similar Part No. - TQ2SA-12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ2SA-12V NAIS-TQ2SA-12V Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
TQ2SA-12V-Z NAIS-TQ2SA-12V-Z Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
More results

Similar Description - TQ2SA-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
TLP197D TOSHIBA-TLP197D Datasheet
165Kb / 6P
   Measurement Equipment
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com