Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2SA-12V Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # TQ2SA-12V
Description  2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2SA-12V Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button TQ2SA-12V Datasheet HTML 3Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 4Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 5Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 6Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 7Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 8Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 9Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 10Page - Panasonic Semiconductor TQ2SA-12V Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
TQ
ASCTB14E 201209-T
9.-(1) Influence of adjacent mounting
9.-(2) Influence of adjacent mounting
10. Contact reliability
(1 mA 5 V DC resistive load)
Tested sample: TQ2-12V
Condition: Detection level 10 W
Inter-relay distance
, mm inch
05
.197
–10
0
10
–10
0
10
ON
ON
ON
OFF OFF
OFF
Pick-up voltage
Drop-out voltage
Inter-relay distance
, mm inch
05
.197
–10
0
10
–10
0
10
ON
ON
ON
OFF
OFF
OFF
Pick-up voltage
Drop-out voltage
No. of operations,
×106
1.0
10
100
0.1
0.2
0.5
1.0
2.0
5.0
10.0
30.0
50.0
70.0
95.0
99.0
99.9
F(t), %
m=2.15
µ=2.7×107
95% reliability limit =
7.6
×106
(Weibull probability paper)
11. Actual load test (35 mA 48 V DC wire spring relay load)
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
220
220
57 V
DC
Wire spring relay Circuit diagram
20Hz
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
No. of operations,
×104
Max.
Min.
Max.
Min.
Pick-up voltage
Drop-out voltage
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
No. of operations,
×104
Max.
Min.
12. 0.1 A 53 V DC resistive load test
Change of pick-up and drop-out voltage
Change of contact resistance
No. of operations,
×104
Max.
Min.
Max.
Min.
0
500
1,000
1,500
2,000
10
20
30
40
50
60
70
80
90
100
Pick-up voltage
Drop-out voltage
No. of operations,
×104
Max.
Min.
0
500
1,000
1,500
2,000
10
20
30
40
50
60
70
80
90
100
13. Distribution of M.B.B. time
Tested sample: TQ2-2M-5V, 85 pcs.
0
10
20
30
40
50
60
Terminal Nos. 2-3-4: ON
Terminal Nos. 7-8-9: ON
100
150
100
200
150
250
200
300
250
350
µs max.
300
µs min.
50
50
10
15
19
21
26
19
30
11
17
4
2
6
x:
105.6
µs
3
σn-1: 163.8 µs
Min.: 23
µs
Max.: 243
µs
x:
115.6
µs
3
σn-1: 167.3 µs
Min.: 35
µs
Max.: 254
µs
0
10
20
30
40
50
60
Terminal Nos. 2-3-4: OFF
Terminal Nos. 7-8-9: OFF
100
150
100
200
150
250
200
300
250
350
µs max.
300
µs min.
50
50
10
x:
71.6
µs
3
σn-1: 127.1 µs
Min.: 17
µs
Max.: 187
µs
x:
80.7
µs
3
σn-1: 156.7 µs
Min.: 29
µs
Max.: 298
µs
41
35
12
31
27
10
4
7
1
2


Similar Part No. - TQ2SA-12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ2SA-12V NAIS-TQ2SA-12V Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
TQ2SA-12V-Z NAIS-TQ2SA-12V-Z Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
More results

Similar Description - TQ2SA-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2L25V PANASONIC-TQ2L25V Datasheet
220Kb / 12P
   Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
TLP197D TOSHIBA-TLP197D Datasheet
165Kb / 6P
   Measurement Equipment
logo
NIHON DEMPA KOGYO
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
   Surface-mount Type 2 Pole MCF
logo
TE Connectivity Ltd
408-8451 TEC-408-8451 Datasheet
202Kb / 3P
   2-Pole Timing Relay
logo
Fujitsu Component Limit...
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com