Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72580T0110K062 Datasheet(PDF) 1 Page - EPCOS

Part # B72580T0110K062
Description  SMD Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72580T0110K062 Datasheet(HTML) 1 Page - EPCOS

  B72580T0110K062 Datasheet HTML 1Page - EPCOS B72580T0110K062 Datasheet HTML 2Page - EPCOS B72580T0110K062 Datasheet HTML 3Page - EPCOS B72580T0110K062 Datasheet HTML 4Page - EPCOS B72580T0110K062 Datasheet HTML 5Page - EPCOS B72580T0110K062 Datasheet HTML 6Page - EPCOS B72580T0110K062 Datasheet HTML 7Page - EPCOS B72580T0110K062 Datasheet HTML 8Page - EPCOS B72580T0110K062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
117 04/02
Construction
I Multilayer technology
I Termination: nickel barrier (CT series) or silver palladium (CN series)
or silver platinum (only for CN0402 … K2)
I No plastic or epoxy encapsulation assures better than UL 94 V-0 flammability rating
Features
I Sizes 0402 … 2220
I Suitable for ESD protection
I Surge currents up to 1200 A
I Bidirectional clamping
I Operating temperatures up to 125
°C
I Types with controlled capacitance available
I Good solderability
I PSpice models
Taping
I Supply on 8/12-mm tape, for tape dimensions see pages 154/155,
for reel dimensions and packing units see page 157, chapter “SMD Varistors: Taping”
Type designation
Detailed description of coding system on page 39, chapter “General Technical Information”
General technical data
1) For mounted parts (storage conditions for unused parts on reel see page 38, chapter “General Technical Information”)
Climatic category
LCT
UCT
Damp heat, steady state
(93 % r.h., 40
°C)
55/125/56 (55/85/56)
– 55
°C
+ 85
°C (CT/CN0402 … 0603)
+ 125
°C (CT/CN0805 … 2220)
56 days
in acc. with IEC 60068-1
in acc. with IEC 60068-2-3
Operating temperature
– 55 … + 85
°C CT/CN0402 … 0603 in acc. with CECC 42 000
– 55 … + 125
°C CT/CN0805 … 2220 in acc. with CECC 42 000
Storage temperature 1)
– 55 … + 150
°C CT/CN0805 … 2220
– 55 … + 125
°C CT/CN0402 … 0603
Response time
< 0,5 ns
Solderability
235
°C, 2 s
in acc. with IEC 60068-2-58
Resistance to soldering heat 260
°C, 10 s
in acc. with IEC 60068-2-58
SIOV-CT 0603 M 4 G
EPCOS metal oxide varistor
Design
Size (nominal)
Taping mode
Max. AC operating voltage
Tolerance of varistor voltage
SMD Varistors
MLV; Standard Series


Similar Part No. - B72580T0110K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72580T0110K062 EPCOS-B72580T0110K062 Datasheet
129Kb / 15P
   Multilayer technology
B72580T0110K062 EPCOS-B72580T0110K062 Datasheet
131Kb / 15P
   SMD Varistors
B72580T0110K062 EPCOS-B72580T0110K062 Datasheet
1Mb / 83P
   Ceramic transient voltage suppressors
B72580T0110K062 EPCOS-B72580T0110K062 Datasheet
131Kb / 15P
   SMD Varistors
More results

Similar Description - B72580T0110K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
B72520V40M62 EPCOS-B72520V40M62 Datasheet
131Kb / 15P
   SMD Varistors
B72660M0600S172 EPCOS-B72660M0600S172 Datasheet
89Kb / 3P
   SMD Varistors
logo
Stackpole Electronics, ...
ZVY SEI-ZVY Datasheet
507Kb / 6P
   Low Voltage SMD Varistors
08/19/2019
logo
EPCOS
B72650M301K72 EPCOS-B72650M301K72 Datasheet
879Kb / 36P
   SMD disk varistors standard series
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G Datasheet
107Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
DCV0603K25G DUBILIER-DCV0603K25G_11 Datasheet
208Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com