Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK860145WG Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AXK860145WG
Description  Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK860145WG Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AXK860145WG Datasheet HTML 4Page - Panasonic Semiconductor AXK860145WG Datasheet HTML 5Page - Panasonic Semiconductor AXK860145WG Datasheet HTML 6Page - Panasonic Semiconductor AXK860145WG Datasheet HTML 7Page - Panasonic Semiconductor AXK860145WG Datasheet HTML 8Page - Panasonic Semiconductor AXK860145WG Datasheet HTML 9Page - Panasonic Semiconductor AXK860145WG Datasheet HTML 10Page - Panasonic Semiconductor AXK860145WG Datasheet HTML 11Page - Panasonic Semiconductor AXK860145WG Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
AXK7, 8
ACCTB3E 201212-T
NOTES
1. As shown below, excess force
during insertion may result in damage
to the connector or removal of the
solder. Also, to prevent connector
damage please confirm the correct
position before mating connectors.
2. Keep the PC board warp no more
than 0.03 mm in relation to the overall
length of the connector.
3. Recommended PC board and metal
mask patterns
Connectors are mounted with high pitch
density, intervals of 0.35 mm, 0.4 mm or
0.5 mm.
In order to reduce solder bridges and
other issues make sure the proper levels
of solder is used.
The figures to the right are recommended
metal mask patterns. Please use them as
a reference.
Without soldering terminals
Socket
Recommended PC board pattern (TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: Here, 150 µm
(Opening area ratio: 40%)
Recommended metal mask pattern
Metal mask thickness: Here, 120 µm
(Opening area ratio: 50%)
Header
Recommended PC board pattern (TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: Here, 150 µm
(Opening area ratio: 32%)
Recommended metal mask pattern
Metal mask thickness: Here, 120 µm
(Opening area ratio: 40%)
Max. 0.03 mm
Max. 0.03 mm
0.115±0.05
0.40±0.05
0.40±0.05
0.40±0.05
0.23±0.03
0.10±0.01
0.35±0.01
0.20±0.01
0.40±0.01
0.40±0.01
0.20±0.01
0.10±0.01
0.35±0.01
0.40±0.05
0.40±0.05
0.23±0.03
0.115±0.05
0.40±0.05
0.20±0.01
0.40±0.01
0.10±0.01
0.35±0.01
0.20±0.01
0.40±0.01
0.10±0.01
0.35±0.01
Please refer to the latest product
specifications when designing our
product.


Similar Part No. - AXK860145WG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK8L10124BG PANASONIC-AXK8L10124BG Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXK8L10125BG PANASONIC-AXK8L10125BG Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK8L12125BG PANASONIC-AXK8L12125BG Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK8L14125BG PANASONIC-AXK8L14125BG Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK8L16124BG PANASONIC-AXK8L16124BG Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
More results

Similar Description - AXK860145WG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com