Electronic Components Datasheet Search |
|
HCNW2601-300E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCNW2601-300E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED |
9 / 21 page 9 IEC/EN/DIN EN 60747-5-5 Insulation Characteristics* (HCPL-26xx; 46xx; 6N13x Option 060 Only) Description Symbol Characteristic Unit Installation classification per DIN VDE 0110, Table 1 for rated mains voltage ≤ 300 V rms I-IV for rated mains voltage ≤ 450 V rms I-IV Climatic Classification 40/85/21 Pollution Degree (DIN VDE 0110/39) 2 Maximum Working Insulation Voltage V IORM 630 V peak Input to Output Test Voltage, Method b* V IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, V PR 1181 V peak Partial Discharge < 5 pC Input to Output Test Voltage, Method a* V IORM x 1.6 = VPR, Type and sample test, tm = 10 sec, V PR 1008 V peak Partial Discharge < 5 pC Highest Allowable Overvoltage (Transient Overvoltage, t ini = 60 sec) V IOTM 6000 V peak Safety Limiting Values (Maximum values allowed in the event of a failure) Case Temperature T S 175 °C Input Current I S,INPUT 230 mA Output Power P S,OUTPUT 600 mW Insulation Resistance at T S, VIO = 500 V R S ≥109 Ω *Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN 60747-5-5, for a detailed description. Note: Isolation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits in application. IEC/EN/DIN EN 60747-5-5 Insulation Characteristics* (HCNW137/2601/2611 Only) Description Symbol Characteristic Unit Installation classification per DIN VDE 0110, Table 1 for rated mains voltage ≤ 600 V rms I-IV for rated mains voltage ≤ 1000 V rms I-III Climatic Classification 40/85/21 Pollution Degree (DIN VDE 0110/39) 2 Maximum Working Insulation Voltage V IORM 1414 V peak Input to Output Test Voltage, Method b* V IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, V PR 2651 V peak Partial Discharge < 5 pC Input to Output Test Voltage, Method a* V IORM x 1.6 = VPR, Type and sample test, tm = 10 sec, V PR 2262 V peak Partial Discharge < 5 pC Highest Allowable Overvoltage (Transient Overvoltage, t ini = 60 sec) V IOTM 8000 V peak Safety Limiting Values (Maximum values allowed in the event of a failure) Case Temperature T S 150 °C Input Current I S,INPUT 400 mA Output Power P S,OUTPUT 700 mW Insulation Resistance at T S, VIO = 500 V R S ≥109 Ω *Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN 60747-5-5, for a detailed description. Note: Isolation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits in application. |
Similar Part No. - HCNW2601-300E |
|
Similar Description - HCNW2601-300E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |