Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXN430030S Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AXN430030S
Description  Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXN430030S Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AXN430030S Datasheet HTML 4Page - Panasonic Semiconductor AXN430030S Datasheet HTML 5Page - Panasonic Semiconductor AXN430030S Datasheet HTML 6Page - Panasonic Semiconductor AXN430030S Datasheet HTML 7Page - Panasonic Semiconductor AXN430030S Datasheet HTML 8Page - Panasonic Semiconductor AXN430030S Datasheet HTML 9Page - Panasonic Semiconductor AXN430030S Datasheet HTML 10Page - Panasonic Semiconductor AXN430030S Datasheet HTML 11Page - Panasonic Semiconductor AXN430030S Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXN(1/3/4)
ACCTB25E 201303-T
EMBOSSED TAPE DIMENSIONS (unit: mm, Common for respective contact type, socket and header)
• Mated height 11.5mm type (Socket and Header)
(80 pin contacts, 100 pin contacts)
Dimension table (mm)
No. of
pins
A
B
C
D
E
F
G
H
80
39.70
36.10
34.80
39.70
32.00
34.80
32.00
40.30
100
47.70
44.10
42.80
47.70
40.00
42.80
40.00
48.30
General tolerance:
±0.3
D
A
B
Y
X
E
±0.15
0.70
8.35
0.80
±0.1
0.80
±0.1
0.35
±0.1
C
±0.15
1.1
±0.1 dia.
0.8
±0.1 dia.
Recommended PC board pattern
(TOP VIEW)
H
±0.1
2.00
±0.1
2.30
±0.1
0.50
±0.05
0.80
±0.05
0.9
dia. hole
1.2
dia. hole
F
±0.05
G
±0.05
0.80
±0.05
+0.1
0
+0.1
0
Note: Center terminal is removed for
80 and 100 pin contact type
X-Y cross section
Stacking mated diagram
0.15
Terminal coplanarity
8.35
8.6
0.7
1.2
11.5
CAD Data
• Tape dimensions (Conforming to JIS C 0806:1990.
However, some tapes have mounting hole pitches that do
not comply with the standard.)
Tape I
Tape II
1.75
C
D
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
D
A
±0.3
4
2
B
1.5
dia.
+0.1
0
• Paper reel dimensions (Conforming to JIS C 0806-1990)
F
E
+2
0
Top cover tape
Emboss carrier tape
Label


Similar Part No. - AXN430030S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXN500045G PANASONIC-AXN500045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN530045G PANASONIC-AXN530045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN540045G PANASONIC-AXN540045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
More results

Similar Description - AXN430030S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com