Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXN430030S Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AXN430030S
Description  Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXN430030S Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AXN430030S Datasheet HTML 5Page - Panasonic Semiconductor AXN430030S Datasheet HTML 6Page - Panasonic Semiconductor AXN430030S Datasheet HTML 7Page - Panasonic Semiconductor AXN430030S Datasheet HTML 8Page - Panasonic Semiconductor AXN430030S Datasheet HTML 9Page - Panasonic Semiconductor AXN430030S Datasheet HTML 10Page - Panasonic Semiconductor AXN430030S Datasheet HTML 11Page - Panasonic Semiconductor AXN430030S Datasheet HTML 12Page - Panasonic Semiconductor AXN430030S Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXN(1/3/4)
ACCTB25E 201303-T
Dimension table (mm)
(1) Suffix: J (1 reel, 1,500 pieces embossed tape package)
(2) Suffix: P (1 reel, 1,000, 500, 350 and 250 pieces embossed tape package)
Connector orientation with respect to direction of progress of embossed tape
NOTES
Mated height
No. of pins
Type of taping
A
B
C
D
E
F
Quantity per reel
Socket: 3.0mm, 3.5mm, 4.0mm,
4.5mm, 5.0mm, 5.5mm
Header: 3.0mm, 3.5mm, 6.0mm
12 to 32
Tape I
24.00
11.50
12.00
24.40
370 dia.
1,500 pcs.
34 to 40
Tape II
32.00
28.40
14.20
12.00
32.40
370 dia.
50 to 60
Tape II
44.00
40.40
20.20
12.00
44.40
370 dia.
80
Tape II
56.00
52.40
26.20
12.00
56.40
370 dia.
Mated height
No. of pins
Type of taping
A
B
C
D
E
F
Quantity per reel
Socket: 3.0mm, 3.5mm, 4.0mm,
4.5mm, 5.0mm, 5.5mm
Header: 3.0mm, 3.5mm, 4.0mm,
4.5mm, 6.0mm, 7.0mm
12 to 32
Tape I
24.00
11.50
12.00
24.40
330 dia.
1,000 pcs.
34 to 40
Tape II
32.00
28.40
14.20
12.00
32.40
330 dia.
50 to 60
Tape II
44.00
40.40
20.20
12.00
44.40
330 dia.
80
Tape II
56.00
52.40
26.20
12.00
56.40
330 dia.
Socket: 6.0mm, 7.0mm, 8.0mm,
13.0mm, 14.0mm
Header: 5.0mm, 5.5mm, 8.0mm
16 to 32
Tape I
24.00
11.50
12.00
24.40
370 dia.
1,000 pcs.
34 to 40
Tape II
32.00
28.40
14.20
12.00
32.40
370 dia.
50 to 60
Tape II
44.00
40.40
20.20
12.00
44.40
370 dia.
80
Tape II
56.00
52.40
26.20
12.00
56.40
370 dia.
11.5mm
30 to 40
Tape II
32.00
28.40
14.20
24.00
32.40
370 dia.
350 pcs.
50
Tape II
44.00
40.40
20.20
24.00
44.40
370 dia.
350 pcs.
80
Tape II
56.00
52.40
26.20
24.00
56.40
370 dia.
250 pcs.
Header: 13.0mm
20
Tape I
24.00
11.50
16.00
24.40
370 dia.
500 pcs.
30
Tape I
24.00
11.50
16.00
24.40
370 dia.
500 pcs.
40
Tape II
32.00
28.40
14.20
16.00
32.40
370 dia.
500 pcs.
50
Tape II
44.00
40.40
20.20
16.00
44.40
370 dia.
500 pcs.
60
Tape II
44.00
40.40
20.20
16.00
44.40
370 dia.
500 pcs.
80
Tape II
56.00
52.40
26.20
16.00
56.40
370 dia.
500 pcs.
Header: 14.0mm
20
Tape I
24.00
11.50
16.00
24.40
370 dia.
400 pcs.
Type
Direction
of tape progress
Mated height: 3.0mm, 3.5mm, 4.0mm, 4.5mm, 5.0mm, 5.5mm,
6.0mm, 7.0mm, 8.0mm, 13.0mm
Mated height 11.5mm
Socket
Header
Socket and header are common
This corner is oriented on the C side.
This corner is oriented on the C side.
Note that types having a mated height of
11.5mm cannot be mated with products
having other mated heights even though
the shape of their socket headers is the
same as the rated shape (position of the
positioning boss and arrangement of
mounting pads) is different.
Please refer to the latest product
specifications when designing your
product.


Similar Part No. - AXN430030S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXN500045G PANASONIC-AXN500045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN530045G PANASONIC-AXN530045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN540045G PANASONIC-AXN540045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
More results

Similar Description - AXN430030S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com