Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXN420430P Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXN420430P
Description  Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXN420430P Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXN420430P Datasheet HTML 1Page - Panasonic Semiconductor AXN420430P Datasheet HTML 2Page - Panasonic Semiconductor AXN420430P Datasheet HTML 3Page - Panasonic Semiconductor AXN420430P Datasheet HTML 4Page - Panasonic Semiconductor AXN420430P Datasheet HTML 5Page - Panasonic Semiconductor AXN420430P Datasheet HTML 6Page - Panasonic Semiconductor AXN420430P Datasheet HTML 7Page - Panasonic Semiconductor AXN420430P Datasheet HTML 8Page - Panasonic Semiconductor AXN420430P Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXN(1/3/4)
ACCTB25E 201303-T
Notes: 1. Please add following suffix at * marked positions.
J: Inner carton (1 reel) 1,500 pcs. (Outer carton: 3,000 pcs.)
P: Inner carton (1 reel) 1,000 pcs. (Outer carton: 2,000 pcs.)
In order to reduce the amount of packaging materials used to help protect the global environment, it is recommended that each packaging box contains 1,500 units
with the “J” product number suffix.
As for the part No. P is suffixed, only 1,000 pcs. reel is available.
2. Regarding ordering units: During production: Please make orders in 1-reel units.
Samples for mounting confirmation: Available in units of 50 pieces. Please contact our sales office.
Samples: Small lot orders are possible. Change the suffix “J” to the suffix “P.”
3. Connectors with suction tape and suction cover are also available. Socket: Suction tape, Header: Suction cover. For this type of connector, insert the letter “C”
between the 6th and 7th column of the ordering number.
Example: For a 20 pin contact socket with 3mm mated height (embossed tape package): AXN320C038P
4. The standard type comes with positioning bosses. Connectors without positioning bosses are available for on-demand production (3,000 pcs./lot or more). Please
inquire.
5. Since the embossed tape width of 100 pin contact connectors packaged with embossed tape exceeds the JIS standard, please consult us.
6. Headers that have 13.0 mm mated height and embossed tape packaging do not come with positioning bosses.
The depth of the embossed tape for headers with 13.0 mm and 14.0 mm mated heights is non-JIS compliant. Please test with your mounter before using.
Mated
height
No. of
pins
Stick package
Embossed tape package
Part No.
Packing quantity
Part No.
Packing quantity
Socket
Header
Stick
Outer
carton
Socket
Header
Inner carton
(1 reel)
Outer carton
8.0 mm
20
AXN320130S
AXN420530S
50 pcs.
300 pcs.
AXN320130P
AXN420530P
1,000 pcs.
2,000 pcs.
22
AXN322130S
AXN422530S
30 pcs.
300 pcs.
AXN322130P
AXN422530P
24
AXN324130S
AXN424530S
30 pcs.
300 pcs.
AXN324130P
AXN424530P
26
AXN326130S
AXN426530S
30 pcs.
300 pcs.
AXN326130P
AXN426530P
30
AXN330130S
AXN430530S
30 pcs.
300 pcs.
AXN330130P
AXN430530P
34
AXN334130S
AXN434530S
30 pcs.
300 pcs.
AXN334130P
AXN434530P
40
AXN340130S
AXN440530S
25 pcs.
300 pcs.
AXN340130P
AXN440530P
50
AXN350130S
AXN450530S
20 pcs.
300 pcs.
AXN350130P
AXN450530P
60
AXN360130S
AXN460530S
15 pcs.
300 pcs.
AXN360130P
AXN460530P
80
AXN380130S
AXN480530S
12 pcs.
300 pcs.
AXN380130P
AXN480530P
100
AXN300130S
AXN400530S
12 pcs.
300 pcs.
11.5 mm
30
AXN1300115S (Socket, Header)
30 pcs.
300 pcs.
AXN1300115P (Socket, Header)
350 pcs.
700 pcs.
40
AXN1400115S (Socket, Header)
25 pcs.
300 pcs.
AXN1400115P (Socket, Header)
350 pcs.
700 pcs.
50
AXN1500115S (Socket, Header)
20 pcs.
300 pcs.
AXN1500115P (Socket, Header)
350 pcs.
700 pcs.
80
AXN1800115S (Socket, Header)
12 pcs.
300 pcs.
AXN1800115P (Socket, Header)
250 pcs.
500 pcs.
100
AXN1000115S (Socket, Header)
12 pcs.
300 pcs.
13.0 mm
20
AXN320130S
AXN420030S
50 pcs.
300 pcs.
AXN320130P
AXN420040P Note 6)
Socket: 1,000 pcs.
Header: 500 pcs.
Socket: 2,000 pcs.
Header: 1,000 pcs.
30
AXN330130S
AXN430030S
30 pcs.
300 pcs.
AXN330130P
AXN430040P Note 6)
40
AXN340130S
AXN440030S
25 pcs.
300 pcs.
AXN340130P
AXN440040P Note 6)
50
AXN350130S
AXN450030S
20 pcs.
300 pcs.
AXN350130P
AXN450040P Note 6)
60
AXN360130S
AXN460030S
15 pcs.
300 pcs.
AXN360130P
AXN460040P Note 6)
80
AXN380130S
AXN480030S
12 pcs.
300 pcs.
AXN380130P
AXN480040P Note 6)
14.0 mm
20
AXN320130S
AXN420130S
50 pcs.
300 pcs.
AXN320130P
AXN420130P
Socket: 1,000 pcs.
Header: 400 pcs.
Socket: 2,000 pcs.
Header: 800 pcs.


Similar Part No. - AXN420430P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXN500045G PANASONIC-AXN500045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN530045G PANASONIC-AXN530045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXN540045G PANASONIC-AXN540045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
More results

Similar Description - AXN420430P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com