Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML312WBCW1 Datasheet(PDF) 3 Page - Rohm

Part # SML312WBCW1
Description  1608 standard size(1.6횞0.8mm, t=0.8mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML312WBCW1 Datasheet(HTML) 3 Page - Rohm

  SML312WBCW1 Datasheet HTML 1Page - Rohm SML312WBCW1 Datasheet HTML 2Page - Rohm SML312WBCW1 Datasheet HTML 3Page - Rohm SML312WBCW1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML-31 series
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10 10to16 16to25 25to40 40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1600
Mini-mold
ChipLEDs
1608
0.8
SML-311UT
※/※1
SML-310VT
Orange (D)
(Ta=25˚C,IF=2mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10 10to16 16to25 25to40 40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1600
Mini-mold
ChipLEDs
1608
0.8
SML-311DT
Yellow (Y, W)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10 10to16 16to25 25to40 40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1600
Mini-mold
ChipLEDs
1608
0.8
SML-311YT
※/※1
SML-311WT
※/※1
SML-310YT
Green (M, P, E)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
0.63to1.0 1.0to1.6 1.6to2.5 2.5to4.0 4.0to6.3 6.3to10 10to16
16to25
25to40
40to63 63to100 100to160 160to250 250to400 400to630 630to1000 1000to1800
Mini-mold
ChipLEDs
1608
0.8
SML-310MT
SML312ECT
SML-310PT
SML312EC4T
Blue (B)
(Ta=25˚C,IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9to1.4 1.4to2.2 2.2to3.6 3.6to5.6 5.6to9.0 9to14
14to22 22to36 36to56 56to90 90to140 140to220 220to360 360to560 560to900
Mini-mold
ChipLEDs
1608
0.8
SML312BC4T
SML312BCT
Part No. Construction
∗ Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
3 1 0 D
T
T 8 6
Special Code will be applied for
Emitting color B/E series.
∗ “−” will be taken out for
emitting color B/E series.
Series name
Package type
Chip Type
Emitting Color
Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
0
1
Standard Type
Low Current Type
2 High Brightness Type
T86
T87
T
Transparent Colorless
Cathode at sprocket hole side
Reverse of T86
W MilkyWhite
V
U
Y
W
M
P
E
Red:630nm
Red:620nm
Yellow:587(590)nm
D Orange:605nm
Yellow:590nm
Yellowish-Green:572nm
Green:560nm
Bluish-Green:527nm
B
Blue:470(466)nm
K
Packing Specification
ROHMLEDproductsarebeingshippedwithdesiccant(silicagel)concludedinmoisture-proofbags.
Pastingthemoisturesensitivelabelontheoutersurfaceofthemoisture-proofbagsorenclosingthehumidityindicationcardinsidethebagisavailableuponrequest.
Pleasecontactthenearestsalesofficeordistributerifnecessary.
※Brightnessonspecificationsheetincludetoleranceofwithin±10%.※1:IF=2mA
3/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.11 - Rev.C


Similar Part No. - SML312WBCW1

ManufacturerPart #DatasheetDescription
logo
Rohm
SML312WBCW ROHM-SML312WBCW Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML312WBCWA ROHM-SML312WBCWA Datasheet
1Mb / 4P
   1608 standard size(1.6횞0.8mm, t=0.8mm)
More results

Similar Description - SML312WBCW1

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-310MTT86N ROHM-SML-310MTT86N Datasheet
1Mb / 4P
   1608 standard size(1.6횞0.8mm, t=0.8mm)
SML312ECTT86 ROHM-SML312ECTT86 Datasheet
1Mb / 4P
   1608 standard size(1.6x0.8mm, t=0.8mm)
logo
List of Unclassifed Man...
LT1X67A ETC-LT1X67A Datasheet
107Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
Sharp Corporation
LT1U67A SHARP-LT1U67A Datasheet
106Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
Rohm
SML-E1 ROHM-SML-E1_12 Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SML-210PTT86L ROHM-SML-210PTT86L Datasheet
164Kb / 3P
   0805<2.0 1.25 t=0.8mm> Standard Type
MCH18 ROHM-MCH18 Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
logo
STANLEY ELECTRIC CO.,LT...
SW1141CX-16-TR STANLEY-SW1141CX-16-TR Datasheet
594Kb / 22P
   1608 size, White color emitting LED
logo
Everlight Electronics C...
HIR83-01B-TR8 EVERLIGHT-HIR83-01B-TR8_15 Datasheet
1Mb / 9P
   1.6횞0.8mm Package Infrared LED
logo
STANLEY ELECTRIC CO.,LT...
VFHA1112H-3BZ2C-TR STANLEY-VFHA1112H-3BZ2C-TR Datasheet
1Mb / 21P
   2125(t=0.8mm) Type, diffused lens
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com