Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JM1AN-P-DC12V-F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # JM1AN-P-DC12V-F
Description  Ideal for compressor and motor control Inrush 80A, 1a 20A power relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JM1AN-P-DC12V-F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  JM1AN-P-DC12V-F Datasheet HTML 1Page - Panasonic Semiconductor JM1AN-P-DC12V-F Datasheet HTML 2Page - Panasonic Semiconductor JM1AN-P-DC12V-F Datasheet HTML 3Page - Panasonic Semiconductor JM1AN-P-DC12V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JM
ASCTB184E 201202-T
REFERENCE DATA
DIMENSIONS (mm inch)
1. Coil temperature rise
Place to be measured: Inside of coil
Ambient temperature: 25
°C 77°F
2. Life curve
3. Operate/release time
Sample: JM1aN-TMP-DC24V-F, 5 pcs.
20A
0A
80
90
100
110
120
130
60
50
40
30
20
0
Coil applied Voltage, %V
100
10
50
510
15
20
250V AC
resistive load
Contact current, A
x
Min.
Min.
x
x-
Max.
Operate time
Release time
Max.
80
90
100
110
120
130
14
13
12
11
10
9
8
7
6
5
4
3
2
0
Coil applied voltage, %V
-
4. Ambient temperature characteristics
Sample: JM1aN-TMP-DC24V-F, 5 pcs.
–20
–10
–30
20
10
30
–40 –20
0
40
60
80
20
Drop-out voltage
Pick-up voltage
Ambient temperature,
°C
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
Flat TMP type
External dimensions
31
28.5
18
17
6.2
9.9
15
2.15
6.8
6.35
0.8
8
1.5
1
4.5
24
3.5
9.2
5
6
12
N.O.
COM
17.2
0.2
Faston 250
1.220
1.122
.709
.669
.224
.390
.591
.085
.268
.250
.031
.315
.059
.039
.177
.945
.138
.362
.677
.008
Schematic
COM
COM
Coil
N.O.
Faston 250
PC board side
N.O.
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
2.5
±0.1
2.15
5.2
COM
N.O.
Coil
1.8
dia.
22
±0.1
20
±0.1
24.5
±0.1
.098
±.004
.085
.205
.071
dia.
.866
±.004
.787
±.004
.965
±.004
CAD Data
General tolerance:
±0.4 ±.016


Similar Part No. - JM1AN-P-DC12V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JM1AN-P-DC12V NAIS-JM1AN-P-DC12V Datasheet
120Kb / 4P
   COMPACT POWER RELAY FOR INDUCTIVE LOAD
More results

Similar Description - JM1AN-P-DC12V-F

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
logo
Melexis Microelectronic...
MLX81150 MELEXIS-MLX81150 Datasheet
591Kb / 23P
   LIN-Slave for relay and DC motor control
logo
Nais(Matsushita Electri...
ALF1P05 NAIS-ALF1P05 Datasheet
92Kb / 3P
   20A Power Relay For Home appliances
logo
Tyco Electronics
2-1393240-5 MACOM-2-1393240-5 Datasheet
603Kb / 3P
   Power PCB Relay RT1 Inrush
RTS3L005 MACOM-RTS3L005 Datasheet
236Kb / 4P
   Power PCB Relay RT1 Inrush Power
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
logo
Panasonic Semiconductor
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
logo
ECS, Inc.
ECS-DR1R ECS-ECS-DR1R Datasheet
188Kb / 1P
   Ideal for wireless security and remote control applications
logo
Tyco Electronics
RT33K012 MACOM-RT33K012 Datasheet
265Kb / 3P
   Power PCB Relay RT1 Inrush
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com