Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLA12WBC7W Datasheet(PDF) 3 Page - Rohm

Part # SMLA12WBC7W
Description  Compact size side-view LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLA12WBC7W Datasheet(HTML) 3 Page - Rohm

  SMLA12WBC7W Datasheet HTML 1Page - Rohm SMLA12WBC7W Datasheet HTML 2Page - Rohm SMLA12WBC7W Datasheet HTML 3Page - Rohm SMLA12WBC7W Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML-A1 Series
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Side View
Chip LEDs 16115
0.55
SML-A12V8T
SML-A12U8T
SML-A12UT
Orange (D)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Side View
Chip LEDs 16115
0.55
SML-A12D8T
SML-A12DT
Yellow (Y)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Side View
Chip LEDs 16115
0.55
SML-A12Y8T
SML-A12WT
Green (M, P)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Side View
Chip LEDs 16115
0.55
SML-A12MT
SML-A12M8T
SML-A12P8T
Bluish Green (E)
Blue (B)
White (WB)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6 5.6 to 9.0 9 to 14
14 to 22 22 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900
Side View
Chip LEDs 16115
0.55
SMLA12EC6T
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6 5.6 to 9.0 9 to 14
14 to 22 22 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900
Side View
Chip LEDs 16115
0.55
SMLA12BC7T
SMLA13BC8T
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6 5.6 to 9.0 9 to 14
14 to 22 22 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900
Side View
Chip LEDs 16115
0.55
SMLA12WBC7W
(Ta=25˚C, IF=5mA)
(Ta=25˚C, IF=5mA)
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Construction
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
∗ Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
A 1 2 U 8 T
J
T 8 6
Dice classification code
(Special classification code)
∗ “−” will be taken out for emitting color
B/E series.
Series name
Package type
Chip Type
Emitting Color
Resin Color
Taping Specifications
V
U
2 High Brightness Type
3 Ultra High Brightness Type
D
Y
M
P
B
T
Transparent Colorless
W MilkyWhite
Chromaticity rank(for white LED)
Red:630nm
Red:620(624)nm
Orange:605(606)nm
Yellow:587(590)nm
W Yellow:590nm
Yellowish-Green:572nm
Green:560nm
E Bluish-Green:527nm
Blue:470nm
WB White
T86
T87
Cathode at sprocket hole side
Reverse of T86
Rank sign (Brightness Rank)∗
P
(Ta=25˚C, IF=5mA)
3/3
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2013.03 - Rev.C


Similar Part No. - SMLA12WBC7W

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLA12WBC7W ROHM-SMLA12WBC7W Datasheet
117Kb / 3P
   Side View Chip LEDs
SMLA12WBC7W ROHM-SMLA12WBC7W Datasheet
1Mb / 4P
   Side-view type
SMLA12WBC7W ROHM-SMLA12WBC7W Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SMLA12WBC7W ROHM-SMLA12WBC7W Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA12WBC7W ROHM-SMLA12WBC7W Datasheet
1Mb / 4P
   Compact size side-view LEDs
More results

Similar Description - SMLA12WBC7W

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12U8TT86 ROHM-SML-A12U8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8TT86 ROHM-SML-A12V8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12P8TT86 ROHM-SML-A12P8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8T ROHM-SML-A12V8T Datasheet
325Kb / 13P
   Compact size side-view LEDs
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com