Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4200-500E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4200-500E
Description  Optically Coupled 20 mA Current Loop Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4200-500E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4200-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Figure 8. Test Circuit for t
PHL, tPLH, tr, and tf.
Figure 13. Waveforms for t
PZH, tPZL, tPHZ, and tPLZ.
Figure 12. Test Circuit for t
PZH, tPZL, tPHZ, and tPLZ.
Figure 9. Waveforms for t
PHL, tPLH, tr, and tf.
Figure 10. Typical Propagation Delay vs. Temperature.
-60
100
0.5
0
TA – TEMPERATURE –°C
-40
0
20
0.3
60
80
0.1
40
-20
0.4
0.2
VCC = 5 V
CL = 15 pF
tPLH
tPHL
-60
100
120
0
TA – TEMPERATURE –°C
-40
0
20
60
80
40
-20
100
80
60
40
20
tr
VCC = 5 V
CL = 15 pF
tf
Figure 11. Typical Rise, Fall Time vs. Temperature.


Similar Part No. - HCPL-4200-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
More results

Similar Description - HCPL-4200-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
logo
Agilent(Hewlett-Packard...
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com