Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCLE428E3502H102M Datasheet(PDF) 7 Page - Vishay Siliconix

Part # NTCLE428E3502H102M
Description  NTC Thermistors, Mini Epoxy PVC Insulated Leads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE428E3502H102M Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button NTCLE428E3502H102M Datasheet HTML 2Page - Vishay Siliconix NTCLE428E3502H102M Datasheet HTML 3Page - Vishay Siliconix NTCLE428E3502H102M Datasheet HTML 4Page - Vishay Siliconix NTCLE428E3502H102M Datasheet HTML 5Page - Vishay Siliconix NTCLE428E3502H102M Datasheet HTML 6Page - Vishay Siliconix NTCLE428E3502H102M Datasheet HTML 7Page - Vishay Siliconix NTCLE428E3502H102M Datasheet HTML 8Page - Vishay Siliconix NTCLE428E3502H102M Datasheet HTML 9Page - Vishay Siliconix NTCLE428E3502H102M Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NTCLE413, NTCLE428
www.vishay.com
Vishay BCcomponents
Revision: 12-Oct-12
7
Document Number: 29078
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 5
PART IDENTIFICATION
R25
B25/85
k
± %
K
± %
NTCLE413-428 10K 3 % B3984 K
10
3
3984
0.5
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES
TEMPERATURE
(°C)
RT
(
)
RT/R25
R/R
(%)
TCR
(%/K)
T
(K)
RMIN.
(
)
RMAX.
(
)
- 40.0
334 274
33.427
4.92
- 6.63
0.74
317 833
350 716
- 35.0
241 323
24.132
4.73
- 6.41
0.74
229 899
252 747
- 30.0
176 133
17.613
4.56
- 6.19
0.74
168 106
184 159
- 25.0
129 900
12.990
4.39
- 5.99
0.73
124 201
135 599
- 20.0
96 761
9.6761
4.22
- 5.79
0.73
92 674
100 848
- 15.0
72 765
7.2765
4.07
- 5.61
0.73
69 806
75 724
- 10.0
55 218
5.5218
3.92
- 5.43
0.72
53 056
57 380
- 5.0
42 268
4.2268
3.77
- 5.26
0.72
40 674
43 861
0.0
32 624
3.2624
3.63
- 5.10
0.71
31 440
33 809
5.0
25 381
2.5381
3.49
- 4.94
0.71
24 494
26 268
10.0
19 897
1.9897
3.36
- 4.80
0.70
19 227
20 566
15.0
15 711
1.5711
3.24
-4.65
0.70
15 202
16 220
20.0
12 493
1.2493
3.12
- 4.52
0.69
12 103
12 882
25.0
10 000
1.00000
3.00
- 4.39
0.68
9700.0
10 300
30.0
8056.0
0.80560
3.11
- 4.26
0.73
7805.1
8306.8
35.0
6529.7
0.65297
3.22
- 4.14
0.78
6319.3
6740.2
40.0
5323.9
0.53239
3.33
- 4.03
0.83
5146.6
5501.1
45.0
4365.3
0.43653
3.43
- 3.92
0.88
4215.4
4515.1
50.0
3598.7
0.35987
3.53
- 3.81
0.93
3471.6
3725.8
55.0
2982.3
0.29823
3.63
- 3.71
0.98
2874.0
3090.5
60.0
2483.8
0.24838
3.72
- 3.61
1.03
2391.3
2576.3
65.0
2078.7
0.20787
3.81
- 3.51
1.09
1999.4
2157.9
70.0
1747.7
0.17477
3.90
- 3.42
1.14
1679.5
1815.9
75.0
1475.9
0.14759
3.99
- 3.34
1.20
1417.1
1534.8
80.0
1251.8
0.12518
4.07
- 3.25
1.25
1200.8
1302.8
85.0
1066.1
0.10661
4.15
- 3.17
1.31
1021.8
1110.4
90.0
911.59
0.091159
4.23
- 3.09
1.37
873.01
950.16
95.0
782.46
0.078246
4.31
- 3.02
1.43
748.75
816.17
100.0
674.11
0.067411
4.38
- 2.94
1.49
644.56
703.66
105.0
582.84
0.058284
4.46
- 2.87
1.55
556.87
608.82


Similar Part No. - NTCLE428E3502H102M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE428E3502H400 VISHAY-NTCLE428E3502H400 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE428E3502H400 VISHAY-NTCLE428E3502H400 Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE428E3502H400A VISHAY-NTCLE428E3502H400A Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
More results

Similar Description - NTCLE428E3502H102M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413 VISHAY-NTCLE413_V01 Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE428 VISHAY-NTCLE428 Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
NTCLE301E4C90059 VISHAY-NTCLE301E4C90059 Datasheet
78Kb / 2P
   NTC Thermistors, Long Insulated Leads
01-Jan-2022
232264090059 VISHAY-232264090059 Datasheet
49Kb / 2P
   NTC Thermistors, Long Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_V01 Datasheet
79Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
01-Jan-2022
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028 Datasheet
62Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 16-May-11
232264590028 VISHAY-232264590028 Datasheet
44Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_17 Datasheet
65Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 14-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com