Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL375BCCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL375BCCZ
Description  3-Axis, 200 g Digital Accelerometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375BCCZ Datasheet(HTML) 3 Page - Analog Devices

  ADXL375BCCZ Datasheet HTML 1Page - Analog Devices ADXL375BCCZ Datasheet HTML 2Page - Analog Devices ADXL375BCCZ Datasheet HTML 3Page - Analog Devices ADXL375BCCZ Datasheet HTML 4Page - Analog Devices ADXL375BCCZ Datasheet HTML 5Page - Analog Devices ADXL375BCCZ Datasheet HTML 6Page - Analog Devices ADXL375BCCZ Datasheet HTML 7Page - Analog Devices ADXL375BCCZ Datasheet HTML 8Page - Analog Devices ADXL375BCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 3 of 32
SPECIFICATIONS
TA = 25°C, VS = 2.5 V, VDD I/O = 2.5 V, acceleration = 0 g, CS = 10 µF tantalum, CI/O = 0.1 µF, output data rate (ODR) = 800 Hz, unless
otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ1
Max
Unit
SENSOR INPUT
Each axis
Measurement Range2
±180
±200
g
Nonlinearity
Percentage of full scale
±0.25
%
Cross-Axis Sensitivity3
±2.5
%
SENSITIVITY
Each axis
Sensitivity at XOUT, YOUT, ZOUT2, 4
ODR ≤ 800 Hz
18.4
20.5
22.6
LSB/g
Scale Factor at XOUT, YOUT, ZOUT2, 4
ODR ≤ 800 Hz
44
49
54
mg/LSB
Sensitivity Change Due to Temperature
±0.02
%/°C
0 g OFFSET
Each axis
0 g Output for XOUT, YOUT, ZOUT
−6000
±400
+6000
mg
0 g Offset vs. Temperature
±10
mg/°C
NOISE
X-, y-, and z-axes
5
mg/√Hz
OUTPUT DATA RATE AND BANDWIDTH5
User selectable
Output Data Rate (ODR)4, 6
0.1
3200
Hz
SELF-TEST7
Output Change in Z-Axis
6.4
g
POWER SUPPLY
Operating Voltage Range (VS)
2.0
2.5
3.6
V
Interface Voltage Range (VDD I/O)
1.7
1.8
VS
V
Supply Current
Measurement Mode
ODR ≥ 100 Hz
145
µA
ODR ≤ 3 Hz
35
µA
Standby Mode
0.1
µA
Turn-On and Wake-Up Time8
ODR = 3200 Hz
1.4
ms
TEMPERATURE
Operating Temperature Range
−40
+85
°C
WEIGHT
Device Weight
30
mg
1
Typical specifications are for at least 68% of the population of parts and are based on the worst case of mean ± 1 σ distribution, except for sensitivity, which represents
the target value.
2
Minimum and maximum specifications represent the worst case of mean ± 3 σ distribution and are not guaranteed in production.
3
Cross-axis sensitivity is defined as coupling between any two axes.
4
The output format for the 1600 Hz and 3200 Hz output data rates is different from the output format for the other output data rates. For more information, see the
Data Formatting at Output Data Rates of 3200 Hz and 1600 Hz section.
5
Bandwidth is the −3 dB frequency and is half the output data rate: bandwidth = ODR/2.
6
Output data rates < 6.25 Hz exhibit additional offset shift with increased temperature.
7
Self-test change is defined as the output (g) when the SELF_TEST bit = 1 (DATA_FORMAT register, Address 0x31) minus the output (g) when the SELF_TEST bit = 0.
Due to device filtering, the output reaches its final value after 4 × τ when enabling or disabling self-test, where τ = 1/(data rate). For the self-test to operate correctly,
the part must be in normal power operation (LOW_POWER bit = 0 in the BW_RATE register, Address 0x2C).
8
Turn-on and wake-up times are determined by the user-defined bandwidth. At a 100 Hz data rate, the turn-on and wake-up times are each approximately 11.1 ms. For
other data rates, the turn-on and wake-up times are each approximately τ + 1.1 ms, where τ = 1/(data rate).


Similar Part No. - ADXL375BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL372 AD-ADXL372 Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
ADXL372BCCZ-RL AD-ADXL372BCCZ-RL Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
ADXL372BCCZ-RL7 AD-ADXL372BCCZ-RL7 Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL373BCCZ-RL AD-ADXL373BCCZ-RL Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
More results

Similar Description - ADXL375BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL314 AD-ADXL314_V01 Datasheet
1Mb / 27P
   ±200 g Range, 3-Axis Digital Accelerometer
Rev. A
ADXL314 AD-ADXL314 Datasheet
1Mb / 28P
   짹200 g Range, 3-Axis Digital Accelerometer
Rev. 0
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
   3-Axis, 짹16 g, I2S Digital Accelerometer
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
FXLS8967AF NXP-FXLS8967AF_V01 Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1.3 - 22 October 2021
FXLS8974CF NXP-FXLS8974CF_V01 Datasheet
1Mb / 96P
   3-Axis Low-g Accelerometer
Rev. 1.5 - 11 March 2022
FXLS8964AF NXP-FXLS8964AF Datasheet
2Mb / 98P
   3-Axis Low-g Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com