Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2A-S08KS02-M5-C1 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E2A-S08KS02-M5-C1
Description  Cylindrical Proximity Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2A-S08KS02-M5-C1 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E2A-S08KS02-M5-C1 Datasheet HTML 1Page - Omron Electronics LLC E2A-S08KS02-M5-C1 Datasheet HTML 2Page - Omron Electronics LLC E2A-S08KS02-M5-C1 Datasheet HTML 3Page - Omron Electronics LLC E2A-S08KS02-M5-C1 Datasheet HTML 4Page - Omron Electronics LLC E2A-S08KS02-M5-C1 Datasheet HTML 5Page - Omron Electronics LLC E2A-S08KS02-M5-C1 Datasheet HTML 6Page - Omron Electronics LLC E2A-S08KS02-M5-C1 Datasheet HTML 7Page - Omron Electronics LLC E2A-S08KS02-M5-C1 Datasheet HTML 8Page - Omron Electronics LLC E2A-S08KS02-M5-C1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
E2A Cylindrical Proximity Sensor
5
■ DC 3-wire Models
Note 1. The response frequency is an average value. Measurement conditions are as follows: standard target, a distance of twice the standard
target distance between targets, and a setting distance of half the sensing distance.
2. When using any model at an ambient temperature between -40°C and -25°C and a power voltage between 30 and 32 VDC, use a load
current of 100 mA max.
3. For USA and CANADA : use class 2 circuit only.
Size
M18
M30
Type
Shielded
Non-shielded
Shielded
Non-shielded
Non-shielded
Item
E2A-M18
@S08-@@-B1
E2A-M18
@S08-@@-B2
E2A-M18
@S08-@@-C1
E2A-M18
@S08-@@-C2
E2A-M18
@N16-@@-B1
E2A-M18
@N16-@@-B2
E2A-M18
@N16-@@-C1
E2A-M18
@N16-@@-C2
E2A-M30
@S15-@@-B1
E2A-M30
@S15-@@-B2
E2A-M30
@S15-@@-C1
E2A-M30
@S15-@@-C2
E2A-M30KN20-
@@-B1
E2A-M30KN20-
@@-B2
E2A-M30KN20-
@@-C1
E2A-M30KN20-
@@-C2
E2A-M30
LN30-@@-B1
E2A-M30
LN30-@@-B2
E2A-M30
LN30-@@-C1
E2A-M30
LN30-@@-C2
Sensing distance
8 mm
±10%
16 mm
±10%
15 mm
±10%
20 mm
±10%
30 mm
±10%
Setting distance
0 to 6.4 mm
0 to 12.8 mm
0 to 12 mm
0 to 16 mm
0 to 24 mm
Differential travel
10% max. of sensing distance
Target
Ferrous metal (The sensing distance decreases with non-ferrous metal.)
Standard target
(mild steel ST37)
24
×24×1 mm
48
×48×1 mm
45
×45×1 mm
60
×60×1 mm
90
×90×1 mm
Response frequency
(See note 1.)
500 Hz
400 Hz
250 Hz
100 Hz
100 Hz
Power supply voltage
(operating voltage range)
12 to 24 VDC. Ripple (p-p): 10% max.
(10 to 32 VDC)
Current consumption (DC
3-wire)
10 mA max.
Output type
-B models: PNP open collector
-C models: NPN open collector
Control
output
Load current (See
note 2.)
200 mA max. (32 VDC max.)
Residual voltage
2 V max. (under load current of 200 mA with cable length of 2 m)
Indicator
Operation indicator (Yellow LED)
Operation mode
(with sensing object ap-
proaching)
-B1/-C1 models: NO
-B2/-C2 models: NC
For details, refer to the timing charts.
Protection circuit
Output reverse polarity protection, Power source circuit reverse polarity protection, Surge suppressor, Short-circuit
protection
Ambient air temperature
Operating:
−40°C to 70°C, Storage: −40°C to 85°C (with no icing or condensation)
Temperature influence (See
note 2.)
±10% max. of sensing distance at 23°C within temperature range of −25°C to 70°C
±15% max. of sensing distance at 23°C within temperature range of −40°C to 70°C
Ambient humidity
Operating: 35% to 95%, Storage: 35% to 95%
Voltage influence
±1% max. of sensing distance in rated voltage range ±15%
Insulation resistance
50 M
Ω min. (at 500 VDC) between current carry parts and case
Dielectric strength
1,000 VAC at 50/60 Hz for 1 min between current carry parts and case
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y and Z directions
Shock resistance
1,000 m/s2, 10 times each in X, Y and Z directions
Standard and listings
(See note 3.)
IEC60529: IP67, Degree of protection
EN60947-5-2: EMC
Connection method
-WP models: Pre-wired models (Standard length: 2 m)
-M1 models: M12 4-pin connector models
-M5 models: M8 3-pin connector models
Weight
(pack-
aged)
Pre-wired model
Approx. 160 g
Approx. 280 g
Approx. 280 g
Approx. 370 g
M12 connector
model
Approx. 70 g
Approx. 200 g
Approx. 200 g
Approx. 260 g
Material Case
Brass-nickel plated
Sensing surface
PBT
Cable
PVC
Clamping nut
Brass-nickel plated


Similar Part No. - E2A-S08KS02-M5-C1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-S08KS02-M5-C1 OMRON-E2A-S08KS02-M5-C1 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
More results

Similar Description - E2A-S08KS02-M5-C1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com