Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2A-S08KN04-WP-B12M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2A-S08KN04-WP-B12M
Description  Cylindrical Proximity Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2A-S08KN04-WP-B12M Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2A-S08KN04-WP-B12M Datasheet HTML 1Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 2Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 3Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 4Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 5Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 6Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 7Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 8Page - Omron Electronics LLC E2A-S08KN04-WP-B12M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
E2A Cylindrical Proximity Sensor
Note: M30 non-shielded Models with double sensing distance and short barrels cannot be mounted due to the necessary separation distance from
the surrounding metal. Standard sensing models are thus available.
M12
Shielded
4.0 mm
Pre-wired
Brass
34 (50)
PNP
E2A-M12KS04-WP-B1 2M
E2A-M12KS04-WP-B2 2M
NPN
E2A-M12KS04-WP-C1 2M
E2A-M12KS04-WP-C2 2M
56 (72)
PNP
E2A-M12LS04-WP-B1 2M
E2A-M12LS04-WP-B2 2M
NPN
E2A-M12LS04-WP-C1 2M
E2A-M12LS04-WP-C2 2M
M12 connector
Brass
34 (48)
PNP
E2A-M12KS04-M1-B1
E2A-M12KS04-M1-B2
NPN
E2A-M12KS04-M1-C1
E2A-M12KS04-M1-C2
56 (70)
PNP
E2A-M12LS04-M1-B1
E2A-M12LS04-M1-B2
NPN
E2A-M12LS04-M1-C1
E2A-M12LS04-M1-C2
Non-shielded
8.0 mm
Pre-wired
Brass
34 (50)
PNP
E2A-M12KN08-WP-B1 2M
E2A-M12KN08-WP-B2 2M
NPN
E2A-M12KN08-WP-C1 2M
E2A-M12KN08-WP-C2 2M
56 (72)
PNP
E2A-M12LN08-WP-B1 2M
E2A-M12LN08-WP-B2 2M
NPN
E2A-M12LN08-WP-C1 2M
E2A-M12LN08-WP-C2 2M
M12 connector
Brass
34 (48)
PNP
E2A-M12KN08-M1-B1
E2A-M12KN08-M1-B2
NPN
E2A-M12KN08-M1-C1
E2A-M12KN08-M1-C2
56 (70)
PNP
E2A-M12LN08-M1-B1
E2A-M12LN08-M1-B2
NPN
E2A-M12LN08-M1-C1
E2A-M12LN08-M1-C2
M18
Shielded
8.0 mm
Pre-wired
Brass
39 (59)
PNP
E2A-M18KS08-WP-B1 2M
E2A-M18KS08-WP-B2 2M
NPN
E2A-M18KS08-WP-C1 2M
E2A-M18KS08-WP-C2 2M
61 (81)
PNP
E2A-M18LS08-WP-B1 2M
E2A-M18LS08-WP-B2 2M
NPN
E2A-M18LS08-WP-C1 2M
E2A-M18LS08-WP-C2 2M
M12 connector
Brass
39 (53)
PNP
E2A-M18KS08-M1-B1
E2A-M18KS08-M1-B2
NPN
E2A-M18KS08-M1-C1
E2A-M18KS08-M1-C2
61 (75)
PNP
E2A-M18LS08-M1-B1
E2A-M18LS08-M1-B2
NPN
E2A-M18LS08-M1-C1
E2A-M18LS08-M1-C2
Non-shielded
16.0 mm
Pre-wired
Brass
39 (59)
PNP
E2A-M18KN16-WP-B1 2M
E2A-M18KN16-WP-B2 2M
NPN
E2A-M18KN16-WP-C1 2M
E2A-M18KN16-WP-C2 2M
61 (81)
PNP
E2A-M18LN16-WP-B1 2M
E2A-M18LN16-WP-B2 2M
NPN
E2A-M18LN16-WP-C1 2M
E2A-M18LN16-WP-C2 2M
M12 connector
Brass
39 (53)
PNP
E2A-M18KN16-M1-B1
E2A-M18KN16-M1-B2
NPN
E2A-M18KN16-M1-C1
E2A-M18KN16-M1-C2
61 (75)
PNP
E2A-M18LN16-M1-B1
E2A-M18LN16-M1-B2
NPN
E2A-M18LN16-M1-C1
E2A-M18LN16-M1-C2
M30
Shielded
15.0 mm
Pre-wired
Brass
44 (64)
PNP
E2A-M30KS15-WP-B1 2M
E2A-M30KS15-WP-B2 2M
NPN
E2A-M30KS15-WP-C1 2M
E2A-M30KS15-WP-C2 2M
66 (86)
PNP
E2A-M30LS15-WP-B1 2M
E2A-M30LS15-WP-B2 2M
NPN
E2A-M30LS15-WP-C1 2M
E2A-M30LS15-WP-C2 2M
M12 connector
Brass
44 (58)
PNP
E2A-M30KS15-M1-B1
E2A-M30KS15-M1-B2
NPN
E2A-M30KS15-M1-C1
E2A-M30KS15-M1-C2
66 (80)
PNP
E2A-M30LS15-M1-B1
E2A-M30LS15-M1-B2
NPN
E2A-M30LS15-M1-C1
E2A-M30LS15-M1-C2
Non-shielded
20.0 mm
Pre-wired
Brass
44 (64)
(See note.)
PNP
E2A-M30KN20-WP-B1 2M
E2A-M30KN20-WP-B2 2M
NPN
E2A-M30KN20-WP-C1 2M
E2A-M30KN20-WP-C2 2M
30.0 mm
66 (86)
PNP
E2A-M30LN30-WP-B1 2M
E2A-M30LN30-WP-B2 2M
NPN
E2A-M30LN30-WP-C1 2M
E2A-M30LN30-WP-C2 2M
20.0 mm
M12 connector
Brass
44 (58)
(See note.)
PNP
E2A-M30KN20-M1-B1
E2A-M30KN20-M1-B2
NPN
E2A-M30KN20-M1-C1
E2A-M30KN20-M1-C2
30.0 mm
66 (80)
PNP
E2A-M30LN30-M1-B1
E2A-M30LN30-M1-B2
NPN
E2A-M30LN30-M1-C1
E2A-M30LN30-M1-C2
Size
Sensing
distance
Connection
Body
material
Thread length
(overall length)
Output
configuration
Operation mode NO
Operation mode NC


Similar Part No. - E2A-S08KN04-WP-B12M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-S08KN04-WP-B12M OMRON-E2A-S08KN04-WP-B12M Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
More results

Similar Description - E2A-S08KN04-WP-B12M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com