Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCLE428E3103H400H Datasheet(PDF) 5 Page - Vishay Siliconix

Part # NTCLE428E3103H400H
Description  NTC Thermistors, Mini Epoxy PVC Insulated Leads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE428E3103H400H Datasheet(HTML) 5 Page - Vishay Siliconix

  NTCLE428E3103H400H Datasheet HTML 1Page - Vishay Siliconix NTCLE428E3103H400H Datasheet HTML 2Page - Vishay Siliconix NTCLE428E3103H400H Datasheet HTML 3Page - Vishay Siliconix NTCLE428E3103H400H Datasheet HTML 4Page - Vishay Siliconix NTCLE428E3103H400H Datasheet HTML 5Page - Vishay Siliconix NTCLE428E3103H400H Datasheet HTML 6Page - Vishay Siliconix NTCLE428E3103H400H Datasheet HTML 7Page - Vishay Siliconix NTCLE428E3103H400H Datasheet HTML 8Page - Vishay Siliconix NTCLE428E3103H400H Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NTCLE413, NTCLE428
www.vishay.com
Vishay BCcomponents
Revision: 12-Oct-12
5
Document Number: 29078
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 3
PART IDENTIFICATION
R25
B25/85
k
± %
K
± %
NTCLE413-428 10K 1 % B3435 K
10
1
3435
1.0
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES
TEMPERATURE
(°C)
RT
(
)
RT/R25
R/R
(%)
TCR
(%/K)
T
(K)
RMIN.
(
)
RMAX.
(
)
- 40.0
190 953
19.095
4.24
- 5.46
0.78
182 848
199 057
- 35.0
145 953
14.595
3.93
- 5.30
0.74
140 213
151 693
- 30.0
112 440
11.244
3.63
- 5.14
0.71
108 354
116 526
- 25.0
87 285
8.7285
3.35
- 4.99
0.67
84 364
90 206
- 20.0
68 260
6.8260
3.07
- 4.85
0.63
66 164
70 355
- 15.0
53 762
5.3762
2.80
- 4.71
0.60
52 254
55 270
- 10.0
42 636
4.2636
2.55
- 4.57
0.56
41 549
43 723
- 5.0
34 038
3.4038
2.30
- 4.44
0.52
33 254
34 822
0.0
27 348
2.7348
2.07
- 4.31
0.48
26 783
27 913
5.0
22 108
2.2108
1.84
- 4.19
0.44
21 702
22 515
10.0
17 979
1.7979
1.62
- 4.08
0.40
17 689
18 270
15.0
14 706
1.4706
1.40
- 3.96
0.35
14 499
14 912
20.0
12 094
1.2094
1.20
- 3.86
0.31
11 949
12 239
25.0
10 000
1.0000
1.00
- 3.75
0.27
9900.0
10 100
30.0
8310.8
0.83108
1.19
- 3.65
0.33
8211.7
8409.8
35.0
6941.1
0.69411
1.38
- 3.55
0.39
6845.5
7036.7
40.0
5824.9
0.58249
1.56
- 3.46
0.45
5734.1
5915.6
45.0
4910.6
0.49106
1.73
- 3.37
0.51
4825.6
4995.7
50.0
4158.3
0.41583
1.90
- 3.28
0.58
4079.2
4237.3
55.0
3536.2
0.35362
2.06
- 3.20
0.65
3463.2
3609.2
60.0
3019.7
0.30197
2.22
- 3.12
0.71
2952.5
3086.8
65.0
2588.8
0.25888
2.38
- 3.04
0.78
2527.3
2650.4
70.0
2228.0
0.22280
2.53
- 2.96
0.85
2171.7
2284.3
75.0
1924.6
0.19246
2.67
- 2.89
0.92
1873.1
1976.0
80.0
1668.4
0.16684
2.81
- 2.82
1.00
1621.5
1715.3
85.0
1451.3
0.14513
2.95
- 2.75
1.07
1408.5
1494.2
90.0
1266.7
0.12667
3.08
- 2.69
1.15
1227.7
1305.8
95.0
1109.2
0.11092
3.21
- 2.62
1.22
1073.6
1144.8
100.0
974.26
0.097426
3.34
- 2.56
1.30
941.74
1006.8
105.0
858.33
0.085833
3.46
- 2.50
1.38
828.62
888.04


Similar Part No. - NTCLE428E3103H400H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE428E3103H400 VISHAY-NTCLE428E3103H400 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE428E3103H400 VISHAY-NTCLE428E3103H400 Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE428E3103H400A VISHAY-NTCLE428E3103H400A Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
More results

Similar Description - NTCLE428E3103H400H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413 VISHAY-NTCLE413_V01 Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE428 VISHAY-NTCLE428 Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
NTCLE301E4C90059 VISHAY-NTCLE301E4C90059 Datasheet
78Kb / 2P
   NTC Thermistors, Long Insulated Leads
01-Jan-2022
232264090059 VISHAY-232264090059 Datasheet
49Kb / 2P
   NTC Thermistors, Long Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_V01 Datasheet
79Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
01-Jan-2022
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028 Datasheet
62Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 16-May-11
232264590028 VISHAY-232264590028 Datasheet
44Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_17 Datasheet
65Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 14-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com