Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2A-S08KN04-M5-C1 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E2A-S08KN04-M5-C1
Description  Cylindrical Proximity Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2A-S08KN04-M5-C1 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E2A-S08KN04-M5-C1 Datasheet HTML 5Page - Omron Electronics LLC E2A-S08KN04-M5-C1 Datasheet HTML 6Page - Omron Electronics LLC E2A-S08KN04-M5-C1 Datasheet HTML 7Page - Omron Electronics LLC E2A-S08KN04-M5-C1 Datasheet HTML 8Page - Omron Electronics LLC E2A-S08KN04-M5-C1 Datasheet HTML 9Page - Omron Electronics LLC E2A-S08KN04-M5-C1 Datasheet HTML 10Page - Omron Electronics LLC E2A-S08KN04-M5-C1 Datasheet HTML 11Page - Omron Electronics LLC E2A-S08KN04-M5-C1 Datasheet HTML 12Page - Omron Electronics LLC E2A-S08KN04-M5-C1 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
E2A Cylindrical Proximity Sensor
9
■ NPN Output
Operation mode
Model
Timing chart
Output circuit
NO
E2A-
@-@-C1
NC
E2A-
@-@-C2
Sensing
object
(%)
100
0
Sensing zone
Non-sensing zone
Proximity
Sensor
ON
OFF
ON
OFF
Yellow indicator
Control output
Load
Brown
Black
(See note 1.)
Blue
+V
0 V
Note 1: With M8 connector models, there is no output
reverse polarity protection diode.
M12 Connector
Pin Arrangement
(See note 2.)
3
1
2
4
M8 Connector
Pin Arrangement
3
1
4
Note 2: Terminal 2 of the M12 connector is not used.
Proximity
Sensor
main
circuits
(%)
100
0
Sensing
object
Sensing zone
Non-sensing zone
Proximity
Sensor
ON
OFF
ON
OFF
Yellow indicator
Control output
3
1
2
4
3
1
4
Load
Brown
Black
(See note 1.)
Blue
+V
0 V
Note 1: With M8 connector models, there is no output
reverse polarity protection diode.
M12 Connector
Pin Arrangement
(See note 2.)
M8 Connector
Pin Arrangement
Note 2: Terminal 4 of the M12 connector is not used.
Proximity
Sensor
main
circuits
(M8 connector:
)


Similar Part No. - E2A-S08KN04-M5-C1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-S08KN04-M5-C1 OMRON-E2A-S08KN04-M5-C1 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
More results

Similar Description - E2A-S08KN04-M5-C1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com