Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2A-S08LN04-M5-C1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2A-S08LN04-M5-C1
Description  Cylindrical Proximity Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2A-S08LN04-M5-C1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2A-S08LN04-M5-C1 Datasheet HTML 1Page - Omron Electronics LLC E2A-S08LN04-M5-C1 Datasheet HTML 2Page - Omron Electronics LLC E2A-S08LN04-M5-C1 Datasheet HTML 3Page - Omron Electronics LLC E2A-S08LN04-M5-C1 Datasheet HTML 4Page - Omron Electronics LLC E2A-S08LN04-M5-C1 Datasheet HTML 5Page - Omron Electronics LLC E2A-S08LN04-M5-C1 Datasheet HTML 6Page - Omron Electronics LLC E2A-S08LN04-M5-C1 Datasheet HTML 7Page - Omron Electronics LLC E2A-S08LN04-M5-C1 Datasheet HTML 8Page - Omron Electronics LLC E2A-S08LN04-M5-C1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
E2A Cylindrical Proximity Sensor
1
Cylindrical Proximity Sensor
E2A
Safe Mounting with Greater
Sensing Distance
• Ensures a sensing distance approximately 1.5 to 2
times larger than that of any conventional OMRON
Sensor.
• Problems such as the collision of workpieces are
eliminated.
• Full range of standard sizes (M8, M12, M18 and
M30; both long and short barrels)
• Modular construction simplifies customization.
<READ AND UNDERSTAND THIS CATALOG>
Please read and understand this catalog before purchasing
the products. Please consult your OMRON representative if
you have any questions or comments.
Ordering Information
Size
Sensing
distance
Connection
Body
material
Thread length
(overall length)
Output
configuration
Operation mode NO
Operation mode NC
M8
Shielded
2.0 mm
Pre-wired
Stainless
steel
27 (40)
PNP
E2A-S08KS02-WP-B1 2M
E2A-S08KS02-WP-B2 2M
NPN
E2A-S08KS02-WP-C1 2M
E2A-S08KS02-WP-C2 2M
49 (62)
PNP
E2A-S08LS02-WP-B1 2M
E2A-S08LS02-WP-B2 2M
NPN
E2A-S08LS02-WP-C1 2M
E2A-S08LS02-WP-C2 2M
M12 connector
Stainless
steel
27 (43)
PNP
E2A-S08KS02-M1-B1
E2A-S08KS02-M1-B2
NPN
E2A-S08KS02-M1-C1
E2A-S08KS02-M1-C2
49 (65)
PNP
E2A-S08LS02-M1-B1
E2A-S08LS02-M1-B2
NPN
E2A-S08LS02-M1-C1
E2A-S08LS02-M1-C2
Brass
27 (43)
PNP
E2A-M08KS02-M1-B1
E2A-M08KS02-M1-B2
NPN
E2A-M08KS02-M1-C1
E2A-M08KS02-M1-C2
49 (65)
PNP
E2A-M08LS02-M1-B1
E2A-M08LS02-M1-B2
NPN
E2A-M08LS02-M1-C1
E2A-M08LS02-M1-C2
M8 connector (3-
pin)
Stainless
steel
27 (39)
PNP
E2A-S08KS02-M5-B1
E2A-S08KS02-M5-B2
NPN
E2A-S08KS02-M5-C1
E2A-S08KS02-M5-C2
49 (61)
PNP
E2A-S08LS02-M5-B1
E2A-S08LS02-M5-B2
NPN
E2A-S08LS02-M5-C1
E2A-S08LS02-M5-C2
Non-shielded
4.0 mm
Pre-wired
Stainless
steel
27 (40)
PNP
E2A-S08KN04-WP-B1 2M
E2A-S08KN04-WP-B2 2M
NPN
E2A-S08KN04-WP-C1 2M
E2A-S08KN04-WP-C2 2M
49 (62)
PNP
E2A-S08LN04-WP-B1 2M
E2A-S08LN04-WP-B2 2M
NPN
E2A-S08LN04-WP-C1 2M
E2A-S08LN04-WP-C2 2M
M12 connector
Stainless
steel
27 (43)
PNP
E2A-S08KN04-M1-B1
E2A-S08KN04-M1-B2
NPN
E2A-S08KN04-M1-C1
E2A-S08KN04-M1-C2
49 (65)
PNP
E2A-S08LN04-M1-B1
E2A-S08LN04-M1-B2
NPN
E2A-S08LN04-M1-C1
E2A-S08LN04-M1-C2
Brass
27 (43)
PNP
E2A-M08KN04-M1-B1
E2A-M08KN04-M1-B2
NPN
E2A-M08KN04-M1-C1
E2A-M08KN04-M1-C2
49 (65)
PNP
E2A-M08LN04-M1-B1
E2A-M08LN04-M1-B2
NPN
E2A-M08LN04-M1-C1
E2A-M08LN04-M1-C2
M8 connector (3-
pin)
Stainless
steel
27 (39)
PNP
E2A-S08KN04-M5-B1
E2A-S08KN04-M5-B2
NPN
E2A-S08KN04-M5-C1
E2A-S08KN04-M5-C2
49 (61)
PNP
E2A-S08LN04-M5-B1
E2A-S08LN04-M5-B2
NPN
E2A-S08LN04-M5-C1
E2A-S08LN04-M5-C2


Similar Part No. - E2A-S08LN04-M5-C1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2A-S08LN04-M5-C1 OMRON-E2A-S08LN04-M5-C1 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
More results

Similar Description - E2A-S08LN04-M5-C1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-X1C2 OMRON-E2E-X1C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com