Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-2B41 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3S-2B41
Description  Photoelectric Sensor with Built-in Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-2B41 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3S-2B41 Datasheet HTML 2Page - Omron Electronics LLC E3S-2B41 Datasheet HTML 3Page - Omron Electronics LLC E3S-2B41 Datasheet HTML 4Page - Omron Electronics LLC E3S-2B41 Datasheet HTML 5Page - Omron Electronics LLC E3S-2B41 Datasheet HTML 6Page - Omron Electronics LLC E3S-2B41 Datasheet HTML 7Page - Omron Electronics LLC E3S-2B41 Datasheet HTML 8Page - Omron Electronics LLC E3S-2B41 Datasheet HTML 9Page - Omron Electronics LLC E3S-2B41 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
E3S
6
Connection
● With Relay Load
Through-beam Sensors
Light Interrupted and Load Operating for E3S-2E4 (41)
and -5E4 (41) (42)
Note: The indicator will function as a light indication if the Emitter's pink wire is
connected to the Receiver's black wire as indicated by the dotted line. The
indicator will function as a power indicator if the Emitter's pink wire is
connected to the Emitter's blue wire.
Retro-reflective Sensors
Light Interrupted and Load Operating for E3S-R2E4 (41)
(42), -DS10E4(41), and -DS30E4 (41) (42)
● Connection with S3D2 Sensor Controller
Reverse operation is possible using the signal input switch on the S3D2.
Load
Pink
Blue
Blue
Brown
Brown
Black
Receiver
80 mA max.
12 to
24 V
0 V
0 V
12 to
24 V
Emitter
Load
Blue
Output
Brown
Black
80 mA max.
12 to 24 V
0 V
Sensing
method
Through-beam
Reflective
Connection
method
12
3
6
5
4
10 11 12
9
8
7
Blue
Blue
Brown
Brown
Black
Receiver
0 V
12 V
Emitter
IN1
S3D2
12
3
6
5
4
10 11 12
9
8
7
Blue
Brown
Black
0 V
12 V
IN
1
S3D2


Similar Part No. - E3S-2B41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-2B41 OMRON-E3S-2B41 Datasheet
256Kb / 12P
   Photoelectric Sensor
E3S-2B41 OMRON-E3S-2B41 Datasheet
256Kb / 12P
   Photoelectric Sensor
More results

Similar Description - E3S-2B41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com