Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-A41 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3X-A41
Description  Fiber-Optic Photoelectric Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-A41 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3X-A41 Datasheet HTML 1Page - Omron Electronics LLC E3X-A41 Datasheet HTML 2Page - Omron Electronics LLC E3X-A41 Datasheet HTML 3Page - Omron Electronics LLC E3X-A41 Datasheet HTML 4Page - Omron Electronics LLC E3X-A41 Datasheet HTML 5Page - Omron Electronics LLC E3X-A41 Datasheet HTML 6Page - Omron Electronics LLC E3X-A41 Datasheet HTML 7Page - Omron Electronics LLC E3X-A41 Datasheet HTML 8Page - Omron Electronics LLC E3X-A41 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
6
E3X
E3X
6
Type
Model
Mode
Output
Output circuit
switch
transistor
NPN
E3X-H11
Light ON
ON when light
E3X-A11
is received.
E3X-VG11
Dark ON
ON when light
is not received.
E3X-A21
Light ON
ON when light
E3X-VG21
is received.
E3X-F21
Dark ON
ON when light
is not received.
PNP
E3X-A41
Light ON
ON when light
is received.
Dark ON
ON when light
is not received.
E3X-A51
Light ON
ON when light
E3X-F51
is received.
Dark ON
ON when light
is not received.
s OUTPUT CIRCUITS
Light
(red)
Stability
(green)
Black
Brown
Load
Blue
ZD
ZD: VZ = 39 V
100 mA max.
Light
(red)
Stability
(green)
Orange
Main
circuit
Brown
Load
(relay)
Blue
Z
ZD (Zener diode): VZ = 39 V
Self-
diagnosis
output
Pink
Load
(relay)
Control
output
External-
check
input
Z
10 K
Light
(red)
Stability
(green)
Main
circuit
Blue
ZD: VZ = 39 V
Black
ZD
Brown
100 mA max.
Load
Light
(red)
Stability
(green)
Main
circuit
Blue
ZD (Zener diode): VZ = 39 V
Black
Z
Brown
Control
output
Load
(relay)
Pink
10 K
Z
External-
check input
Orange
Load
(relay)
Self-diagnosis
output
Main
circuit
Black
Operation


Similar Part No. - E3X-A41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-A41 OMRON-E3X-A41 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
More results

Similar Description - E3X-A41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X OMRON-E3X Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
logo
List of Unclassifed Man...
EF1801NPAS ETC2-EF1801NPAS Datasheet
139Kb / 3P
   Photoelectrics Fiber Optic Sensor
logo
Omron Electronics LLC
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
   Teaching Optical Fiber Photoelectric Sensor
logo
OPTEK Technologies
OPI1290 OPTEK-OPI1290 Datasheet
151Kb / 2P
   Fiber Optic Isolator-Photologic Sensor
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-RT-2492 PF-MLV41-LL-RT-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com