Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCLE428E3103G102H Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NTCLE428E3103G102H
Description  NTC Thermistors, Mini Epoxy PVC Insulated Leads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE428E3103G102H Datasheet(HTML) 3 Page - Vishay Siliconix

  NTCLE428E3103G102H Datasheet HTML 1Page - Vishay Siliconix NTCLE428E3103G102H Datasheet HTML 2Page - Vishay Siliconix NTCLE428E3103G102H Datasheet HTML 3Page - Vishay Siliconix NTCLE428E3103G102H Datasheet HTML 4Page - Vishay Siliconix NTCLE428E3103G102H Datasheet HTML 5Page - Vishay Siliconix NTCLE428E3103G102H Datasheet HTML 6Page - Vishay Siliconix NTCLE428E3103G102H Datasheet HTML 7Page - Vishay Siliconix NTCLE428E3103G102H Datasheet HTML 8Page - Vishay Siliconix NTCLE428E3103G102H Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NTCLE413, NTCLE428
www.vishay.com
Vishay BCcomponents
Revision: 12-Oct-12
3
Document Number: 29078
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 1
PART IDENTIFICATION
R25
B25/85
k
± %
K
± %
NTCLE413-428 4.7K 3 % B3984 K
4.7
3
3984
0.5
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES
TEMPERATURE
(°C)
RT
(
)
RT/R25
R/R
(%)
TCR
(%/K)
T
(K)
RMIN.
(
)
RMAX.
(
)
- 40.0
157 109
33.427
4.92
- 6.63
0.74
149 382
164 836
- 35.0
113 422
24.132
4.73
- 6.41
0.74
108 052
118 791
- 30.0
82 782
17.613
4.56
- 6.19
0.74
79 010
86 555
- 25.0
61 053
12.990
4.39
- 5.99
0.73
58 375
63 731
- 20.0
45 478
9.6761
4.22
- 5.79
0.73
43 557
47 399
- 15.0
34 199
7.2765
4.07
- 5.61
0.73
32 809
35 590
- 10.0
25 953
5.5218
3.92
- 5.43
0.72
24 936
26 969
- 5.0
19 866
4.2268
3.77
- 5.26
0.72
19 117
20 615
0.0
15 333
3.2624
3.63
- 5.10
0.71
14 777
15 890
5.0
11 929
2.5381
3.49
- 4.94
0.71
11 512
12 346
10.0
9351.5
1.9897
3.36
- 4.80
0.70
9036.9
9666.2
15.0
7384.3
1.5711
3.24
- 4.65
0.70
7145.1
7623.5
20.0
5871.6
1.2493
3.12
- 4.52
0.69
5688.5
6054.6
25.0
4700.0
1.00000
3.00
- 4.39
0.68
4559.0
4841.0
30.0
3786.3
0.80560
3.11
- 4.26
0.73
3668.4
3904.2
35.0
3069.0
0.65297
3.22
- 4.14
0.78
2970.1
3167.9
40.0
2502.2
0.53239
3.33
- 4.03
0.83
2418.9
2585.5
45.0
2051.7
0.43653
3.43
- 3.92
0.88
1981.3
2122.1
50.0
1691.4
0.35987
3.53
- 3.81
0.93
1631.7
1751.1
55.0
1401.7
0.29823
3.63
- 3.71
0.98
1350.8
1452.5
60.0
1167.4
0.24838
3.72
- 3.61
1.03
1123.9
1210.9
65.0
976.97
0.20787
3.81
- 3.51
1.09
939.70
1014.2
70.0
821.40
0.17477
3.90
- 3.42
1.14
789.34
853.45
75.0
693.68
0.14759
3.99
- 3.34
1.20
666.02
721.35
80.0
588.35
0.12518
4.07
- 3.25
1.25
564.39
612.30
85.0
501.07
0.10661
4.15
- 3.17
1.31
480.26
521.88
90.0
428.45
0.091159
4.23
- 3.09
1.37
410.31
446.58
95.0
367.75
0.078246
4.31
- 3.02
1.43
351.91
383.60
100.0
316.83
0.067411
4.38
- 2.94
1.49
302.94
330.72
105.0
273.94
0.058284
4.46
- 2.87
1.55
261.73
286.14


Similar Part No. - NTCLE428E3103G102H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE428E3103F400L VISHAY-NTCLE428E3103F400L Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE428E3103F400L VISHAY-NTCLE428E3103F400L Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE428E3103F404A VISHAY-NTCLE428E3103F404A Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE428E3103F520L VISHAY-NTCLE428E3103F520L Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE428E3103F520L VISHAY-NTCLE428E3103F520L Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
More results

Similar Description - NTCLE428E3103G102H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413 VISHAY-NTCLE413_V01 Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE428 VISHAY-NTCLE428 Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
NTCLE301E4C90059 VISHAY-NTCLE301E4C90059 Datasheet
78Kb / 2P
   NTC Thermistors, Long Insulated Leads
01-Jan-2022
232264090059 VISHAY-232264090059 Datasheet
49Kb / 2P
   NTC Thermistors, Long Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_V01 Datasheet
79Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
01-Jan-2022
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028 Datasheet
62Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 16-May-11
232264590028 VISHAY-232264590028 Datasheet
44Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_17 Datasheet
65Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 14-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com