Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCLE413E2472H102H Datasheet(PDF) 9 Page - Vishay Siliconix

Part # NTCLE413E2472H102H
Description  NTC Thermistors, Mini Epoxy PVC Insulated Leads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE413E2472H102H Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button NTCLE413E2472H102H Datasheet HTML 2Page - Vishay Siliconix NTCLE413E2472H102H Datasheet HTML 3Page - Vishay Siliconix NTCLE413E2472H102H Datasheet HTML 4Page - Vishay Siliconix NTCLE413E2472H102H Datasheet HTML 5Page - Vishay Siliconix NTCLE413E2472H102H Datasheet HTML 6Page - Vishay Siliconix NTCLE413E2472H102H Datasheet HTML 7Page - Vishay Siliconix NTCLE413E2472H102H Datasheet HTML 8Page - Vishay Siliconix NTCLE413E2472H102H Datasheet HTML 9Page - Vishay Siliconix NTCLE413E2472H102H Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NTCLE413, NTCLE428
www.vishay.com
Vishay BCcomponents
Revision: 12-Oct-12
9
Document Number: 29078
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 7
PART IDENTIFICATION
R25
B25/85
k
± %
K
± %
NTCLE413-428 100K 3 % B4190 K
100
3
4190
1.5
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES
TEMPERATURE
(°C)
RT
(
)
RT/R25
R/R
(%)
TCR
(%/K)
T
(K)
RMIN.
(
)
RMAX.
(
)
- 40.0
3 666 299
36.663
9.05
- 6.69
1.35
3 334 354
3 998 244
- 35.0
2 637 588
26.376
8.47
- 6.49
1.31
2 414 139
2 861 036
- 30.0
1 916 576
19.166
7.91
- 6.29
1.26
1 764 917
2 068 236
- 25.0
1 406 111
14.061
7.38
- 6.10
1.21
1 302 387
1 509 836
- 20.0
1 041 184
10.412
6.86
- 5.92
1.16
969 745
1 112 622
- 15.0
777 846
7.7785
6.37
- 5.75
1.11
728 330
827 362
- 10.0
586 097
5.8610
5.89
- 5.58
1.06
551 581
620 613
- 5.0
445 257
4.4526
5.43
- 5.42
1.00
421 079
469 435
0.0
340 942
3.4094
4.99
- 5.26
0.95
323 936
357 948
5.0
263 054
2.6305
4.56
- 5.11
0.89
251 054
275 054
10.0
204 446
2.0445
4.15
- 4.97
0.84
195 960
212 931
15.0
160 014
1.6001
3.75
- 4.83
0.78
154 008
166 020
20.0
126 087
1.2609
3.37
- 4.70
0.72
121 837
130 336
25.0
100 000
1.00000
3.00
- 4.57
0.66
97 000
103 000
30.0
79 808
0.79808
3.36
- 4.45
0.75
77 128
82 488
35.0
64 077
0.64077
3.70
- 4.33
0.86
61 703
66 451
40.0
51 745
0.51745
4.04
- 4.22
0.96
49 655
53 836
45.0
42 021
0.42021
4.36
- 4.11
1.06
40 187
43 855
50.0
34 308
0.34308
4.68
- 4.00
1.17
32 702
35 913
55.0
28 156
0.28156
4.98
- 3.90
1.28
26 752
29 559
60.0
23 222
0.23222
5.28
- 3.80
1.39
21 996
24 449
65.0
19 246
0.19246
5.57
- 3.71
1.50
18 174
20 318
70.0
16 025
0.16025
5.85
- 3.62
1.62
15 088
16 961
75.0
13 402
0.13402
6.12
- 3.53
1.73
12 582
14 222
80.0
11 258
0.11258
6.38
- 3.45
1.85
10 539
11 976
85.0
9495.8
0.094958
6.64
- 3.36
1.97
8865.6
10 126
90.0
8042.0
0.080420
6.89
- 3.28
2.10
7488.3
8595.7
95.0
6837.3
0.068373
7.13
- 3.21
2.22
6350.0
7324.7
100.0
5835.1
0.058351
7.36
- 3.13
2.35
5405.4
6264.7
105.0
4997.8
0.049978
7.59
- 3.06
2.48
4618.4
5377.3


Similar Part No. - NTCLE413E2472H102H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413E2472H400 VISHAY-NTCLE413E2472H400 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413E2472H400 VISHAY-NTCLE413E2472H400 Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE413E2472H400A VISHAY-NTCLE413E2472H400A Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
More results

Similar Description - NTCLE413E2472H102H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
   NTC Thermistors, Mini Epoxy PVC Insulated Leads
Revision: 11-Jul-17
NTCLE413 VISHAY-NTCLE413_V01 Datasheet
131Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Twin Insulated Leads
01-Jan-2022
NTCLE428 VISHAY-NTCLE428 Datasheet
146Kb / 9P
   NTC Thermistors, Mini Epoxy PVC Single Insulated Leads
01-Jan-2022
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
   NTC Thermistors, Epoxy PVC Long Leads Sensors
01-Jan-2022
NTCLE301E4C90059 VISHAY-NTCLE301E4C90059 Datasheet
78Kb / 2P
   NTC Thermistors, Long Insulated Leads
01-Jan-2022
232264090059 VISHAY-232264090059 Datasheet
49Kb / 2P
   NTC Thermistors, Long Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_V01 Datasheet
79Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
01-Jan-2022
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028 Datasheet
62Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 16-May-11
232264590028 VISHAY-232264590028 Datasheet
44Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 10-Oct-03
NTCLE201E3C90028 VISHAY-NTCLE201E3C90028_17 Datasheet
65Kb / 2P
   NTC Thermistors, Long Non-Insulated Leads
Revision: 14-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com