Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-1A-E Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G2R-1A-E
Description  Creepage distance of 8.0 mm min. between coil and con tact.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1A-E Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G2R-1A-E Datasheet HTML 3Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 4Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 5Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 6Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 7Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 8Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 9Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 10Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Power PCB Relay
G2R
215
Maximum Switching Capacity - Latching Types
Electrical Service Life - Latching Types
Dimensions
Unit: mm (inch)
■ Non-latching
Rated operating voltage (V)
Rated operating voltage (V)
One pole
Two-pole
Rated operating current (A)
Rated operating current (A)
One pole
Two-pole
Terminal arrangement/
Mounting holes
Internal connections
(Bottom view)
(Bottom view)
PCB Terminal: SPDT, general purpose & high sensitivity


Similar Part No. - G2R-1A-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A-E OMRON-G2R-1A-E Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1A-E OMRON-G2R-1A-E Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-E OMRON-G2R-1A-E Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1A-E OMRON-G2R-1A-E Datasheet
656Kb / 12P
   Power PCB Relay
G2R-1A-E OMRON-G2R-1A-E Datasheet
2Mb / 14P
   The Best Seller G2R
More results

Similar Description - G2R-1A-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A-E-T130-DC24 OMRON-G2R-1A-E-T130-DC24 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con - tact.
logo
Kersemi Electronic Co.,...
IRFI540G KERSEMI-IRFI540G Datasheet
1Mb / 7P
   Sink to Lead Creepage Distance = 4.8 mm
IRFI530G KERSEMI-IRFI530G Datasheet
1Mb / 7P
   Sink to Lead Creepage Distance = 4.8 mm
logo
Bourns Electronic Solut...
HCTSM100304FL BOURNS-HCTSM100304FL Datasheet
433Kb / 3P
   HCTSM100304FL High Clearance and Creepage Distance Transformer
REV. 05/22
HCTSM150102HL BOURNS-HCTSM150102HL Datasheet
768Kb / 4P
   HCTSM150102HL High Clearance and Creepage Distance Transformer
REV. 07/22
logo
DinTek Semiconductor Co...
DTS6401 DINTEK-DTS6401 Datasheet
3Mb / 10P
   Power MOSFET Sink to Lead Creepage Distance = 4.8 mm
logo
Bourns Electronic Solut...
HCTSM8 BOURNS-HCTSM8 Datasheet
786Kb / 5P
   HCTSM8 Series - High Clearance and Creepage Distance Transformers
REV. 05/22
logo
Sharp Corporation
PC121 SHARP-PC121 Datasheet
387Kb / 6P
   LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
PC110L SHARP-PC110L Datasheet
98Kb / 6P
   Long Creepage Distance Type Photocoupler
logo
Murata Manufacturing Co...
GRM188D70G226ME01 MURATA1-GRM188D70G226ME01 Datasheet
177Kb / 2P
   Distance between external terminals g
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com