Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C1024AL-12JLI-TR Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61C1024AL-12JLI-TR
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C1024AL-12JLI-TR Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61C1024AL-12JLI-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C1024AL-12JLI-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C1024AL-12JLI-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C1024AL-12JLI-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C1024AL-12JLI-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C1024AL-12JLI-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C1024AL-12JLI-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C1024AL-12JLI-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61C1024AL-12JLI-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
7
Rev. D
05/09/2012
IS61C1024AL, IS64C1024AL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (OverOperatingRange,StandardandLowPower)
-12 ns
-15 ns
Symbol
Parameter
Min. Max.
Min. Max.
Unit
twc
WriteCycleTime
12
15
ns
tsce1
CE1
toWriteEnd
10
12
ns
tsce2
CE2toWriteEnd
10
12
ns
taw
AddressSetupTimetoWriteEnd
10
12
ns
tha
AddressHoldfromWriteEnd
0
0
ns
tsa
AddressSetupTime
0
0
ns
tPwe(3)
WE
PulseWidth
10
12
ns
tsD
DataSetuptoWriteEnd
7
10
ns
thD
DataHoldfromWriteEnd
0
0
ns
thzwe(4)
WE
LOWtoHigh-ZOutput
7
7
ns
tlzwe(4)
WE
HIGHtoLow-ZOutput
2
2
ns
Notes:
1. Testconditionsassumesignaltransitiontimesof5nsorless,timingreferencelevelsof1.5V,inputpulselevelsof0to3.0Vand
outputloadingspecifiedinFigure1.
2. TheinternalwritetimeisdefinedbytheoverlapofCE1LOW,CE2HIGHandWELOW.Allsignalsmustbeinvalidstatesto
initiateaWrite,butanyonecangoinactivetoterminatetheWrite.TheDataInputSetupandHoldtimingarereferencedtothe
risingorfallingedgeofthesignalthatterminatestheWrite.
3. TestedwithOEHIGH.
4. TestedwiththeloadinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.


Similar Part No. - IS61C1024AL-12JLI-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024AL-12JLI ISSI-IS61C1024AL-12JLI Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C1024AL-12JLI-TR

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com