Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16128-3DBLA1 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS46DR16128-3DBLA1
Description  2Gb (x16) DDR2 SDRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16128-3DBLA1 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS46DR16128-3DBLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
IS43/46DR16128
Integrated Silicon Solution, Inc. – www.issi.com –
2
Rev. B, 09/6/2012
DDR2 SDRAM (128Mx16) BGA Ball-out (Top-View) (10.5mm x 13.5mm Body, 0.8mm pitch)
Description
Input clocks
Clock enable
Chip Select
Command control inputs
Address
Bank Address
I/O
Upper Byte Data Strobe
Lower Byte Data Strobe
Input data mask
Supply voltage
Ground
DQ power supply
DQ ground
Reference voltage
DLL power supply
DLL ground
On Die Termination Enable
No connect
VDDL
VSSDL
NC
ODT
VDD
VSS
VDDQ
VSSQ
LDQS, LDQS#
UDM, LDM
RAS#,CAS#,WE#
A[13:0]
BA[2:0]
VREF
Symbol
CK, CK#
CKE
CS#
DQ[15:0]
UDQS, UDQS#
Note:
VDDL and VSSDL are power and ground for the DLL.


Similar Part No. - IS46DR16128-3DBLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR16128A ISSI-IS46DR16128A Datasheet
993Kb / 26P
   Clock frequency up to 333MHz
More results

Similar Description - IS46DR16128-3DBLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16128 ISSI-IS43DR16128 Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
logo
Hynix Semiconductor
H5PS2G43AFR HYNIX-H5PS2G43AFR Datasheet
521Kb / 40P
   2Gb DDR2 SDRAM
HY5PS2G431MP HYNIX-HY5PS2G431MP Datasheet
589Kb / 35P
   2Gb DDR2 SDRAM(DDP)
HY5PS2G431AMP HYNIX-HY5PS2G431AMP Datasheet
607Kb / 35P
   2Gb DDR2 SDRAM(DDP)
logo
List of Unclassifed Man...
SEU02G64B3BF2SA-25R ETC2-SEU02G64B3BF2SA-25R Datasheet
811Kb / 14P
   2GB DDR2 ??SDRAM DIMM
SEU02G64B3BH2MT-25R ETC2-SEU02G64B3BH2MT-25R Datasheet
711Kb / 14P
   2GB DDR2 ??SDRAM DIMM
logo
Elpida Memory
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
logo
White Electronic Design...
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com