Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16128-3DBLA2 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS46DR16128-3DBLA2
Description  2Gb (x16) DDR2 SDRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16128-3DBLA2 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS46DR16128-3DBLA2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR16128-3DBLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
IS43/46DR16128
Integrated Silicon Solution, Inc. – www.issi.com –
3
Rev. B, 09/6/2012
Functional Description
Power-up and Initialization
DDR2 SDRAMs must be powered up and initialized in a predefined manner. Operational procedures other than those specified may
result in undefined operation.
Power-up and Initialization Sequence
The following sequence is required for Power-up and Initialization.
1. Either one of the following sequence is required for Power-up:
A. While applying power, attempt to maintain CKE below 0.2 x VDDQ and ODT1 at a LOW state (all other inputs may be
undefined.) The VDD voltage ramp time must be no greater than 200 ms from when VDD ramps from 300 mV to
VDD(Min); and during the VDD voltage ramp, |VDD-VDDQ| ≥ 0.3 V. Once the ramping of the supply voltages is
complete (when VDDQ crosses VDDQ(Min)), the supply voltage specifications provided in the table Recommended DC
Operating Conditions (SSTL_1.8), prevail.
− VDD, VDDL and VDDQ are driven from a single power converter output, AND
− VTT is limited to 0.95V max, AND
− VREF tracks VDDQ/2, VREF must be within ± 300mV with respect to VDDQ/2 during supply ramp time.
− VDDQ ≥ VREF must be met at all times
B. While applying power, attempt to maintain CKE below 0.2 x VDDQ and ODT1 at a LOW state (all other inputs may be
undefined, voltage levels at I/Os and outputs must be less than VDDQ during voltage ramp time to avoid DRAM latch-
up. During the ramping of the supply voltages, VDD ≥ VDDL ≥ VDDQ must be maintained and is applicable to both AC
and DC levels until the ramping of the supply voltages is complete, which is when VDDQ crosses VDDQ min. Once the
ramping of the supply voltages is complete, the supply voltage specifications provided in the table Recommended DC
Operating Conditions (SSTL-1.8), prevail.
− Apply VDD/VDDL before or at the same time as VDDQ.
− VDD/VDDL voltage ramp time must be no greater 200 ms from when VDD ramps from 300 mV to VDD(Min) .
− Apply VDDQ before or at the same time as VTT.
− The VDDQ voltage ramp time from when VDD(Min) is achieved on VDD to the VDDQ(Min) is achieved on VDDQ
must be no greater than 500 ms.
2. Start clock and maintain stable condition.
3. For the minimum of 200 µs after stable power (VDD, VDDL, VDDQ, VREF, and VTT values are in the range of the minimum and
maximum values specified in the table Recommended DC Operating Conditions (SSTL-1.8)) and stable clock (CK, CK#), then apply
NOP or Deselect and assert a logic HIGH to CKE.
4. Wait minimum of 400 ns then issue a precharge all command. During the 400 ns period, a NOP or Deselect command must be
issued to the DRAM.
5. Issue an EMRS command to EMR(2).
6. Issue an EMRS command to EMR(3).
7. Issue EMRS to enable DLL.
8. Issue a Mode Register Set command for DLL reset.
9. Issue a precharge all command.
10. Issue 2 or more auto-refresh commands.
11. Issue a MRS command with LOW to A8 to initialize device operation. (i.e. to program operating parameters without resetting
the DLL.)
12. Wait at least 200 clock cycles after step 8 and then execute OCD Calibration (Off Chip Driver impedance adjustment). If OCD
calibration is not used, EMRS Default command (A9=A8=A7=HIGH) followed by EMRS OCD Calibration Mode Exit command
(A9=A8=A7=LOW) must be issued with other operating parameters of EMR(1).
13. The DDR2 SDRAM is now ready for normal operation.
Note:
1.
To guarantee ODT off, VREF must be valid and a LOW level must be applied to the ODT pin.


Similar Part No. - IS46DR16128-3DBLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR16128A ISSI-IS46DR16128A Datasheet
993Kb / 26P
   Clock frequency up to 333MHz
More results

Similar Description - IS46DR16128-3DBLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16128 ISSI-IS43DR16128 Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
logo
Hynix Semiconductor
H5PS2G43AFR HYNIX-H5PS2G43AFR Datasheet
521Kb / 40P
   2Gb DDR2 SDRAM
HY5PS2G431MP HYNIX-HY5PS2G431MP Datasheet
589Kb / 35P
   2Gb DDR2 SDRAM(DDP)
HY5PS2G431AMP HYNIX-HY5PS2G431AMP Datasheet
607Kb / 35P
   2Gb DDR2 SDRAM(DDP)
logo
List of Unclassifed Man...
SEU02G64B3BF2SA-25R ETC2-SEU02G64B3BF2SA-25R Datasheet
811Kb / 14P
   2GB DDR2 ??SDRAM DIMM
SEU02G64B3BH2MT-25R ETC2-SEU02G64B3BH2MT-25R Datasheet
711Kb / 14P
   2GB DDR2 ??SDRAM DIMM
logo
Elpida Memory
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
logo
White Electronic Design...
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com