Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16400F-6TLI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS42S16400F-6TLI
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16400F-6TLI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS42S16400F-6TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16400F-6TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16400F-6TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16400F-6TLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16400F-6TLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42S16400F-6TLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42S16400F-6TLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS42S16400F-6TLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS42S16400F-6TLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
11
Rev. A
03/19/08
IS42S16400F
IC42S16400F
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VDD max
MaximumSupplyVoltage
–1.0to+4.6
V
VDDq max
MaximumSupplyVoltageforOutputBuffer
–1.0to+4.6
V
ViN
InputVoltage
–1.0toVDDq +0.5
V
Vout
OutputVoltage
–1.0toVDDq +0.5
V
PD max
AllowablePowerDissipation
1
W
Ics
output Shorted Current
50
mA
Topr
operatingTemperature
Com.
0to+70
°C
Ind.
-40to+85
°C
Tstg
StorageTemperature
–65to+150
°C
DC RECOMMENDED OPERATING CONDITIONS(2) (AtTa=0to+70°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD, VDDq
SupplyVoltage
3.0
3.3
3.6
V
Vih
InputHighVoltage(3)
2.0
VDD +0.3
V
Vil
InputLowVoltage(4)
-0.3
+0.8
V
CAPACITANCE CHARACTERISTICS(1,2) (AtTa=0to+25°C,VDD=VDDq=3.3±0.3V,f=1MHz)
Symbol
Parameter
Typ.
Max.
Unit
CiN
InputCapacitance:AddressandControl
3.8
pF
Cclk
InputCapacitance:(CLK)
3.5
pF
CI/O
DataInput/OutputCapacitance:I/O0-I/O15
6.5
pF
Notes:
1. StressgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycausepermanentdamagetothedevice.Thisisa
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sectionsofthisspecificationisnotimplied.Exposuretoabsolutemaximumratingconditionsforextendedperiodsmayaffect
reliability.
2. AllvoltagesarereferencedtoGND.
3.Vih(max)=VDDq+2.0Vwithapulsewidth<3ns.
4.Vil(min)=GND-2.0Vwithapulsewidth<3ns.


Similar Part No. - IS42S16400F-6TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400F-6TLI ISSI-IS42S16400F-6TLI Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16400F-6TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com