Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37979G12.2J000 Datasheet(PDF) 3 Page - EPCOS

Part # B37979G12.2J000
Description  Multilayer Ceramic Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37979G12.2J000 Datasheet(HTML) 3 Page - EPCOS

  B37979G12.2J000 Datasheet HTML 1Page - EPCOS B37979G12.2J000 Datasheet HTML 2Page - EPCOS B37979G12.2J000 Datasheet HTML 3Page - EPCOS B37979G12.2J000 Datasheet HTML 4Page - EPCOS B37979G12.2J000 Datasheet HTML 5Page - EPCOS B37979G12.2J000 Datasheet HTML 6Page - EPCOS B37979G12.2J000 Datasheet HTML 7Page - EPCOS B37979G12.2J000 Datasheet HTML 8Page - EPCOS B37979G12.2J000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Ordering code system
B37979N
1
100
K
54
Packaging
51
cardboard tape, reel packing (360-mm reel)
54
Ammo packing (standard)
00
bulk
^
^
^
Capacitance tolerance
J
± 5% (standard for C0G)
K
±10% (standard for X7R)
M
±20% (standard for Z5U (Y5U))
^
^
^
Type and size
With radial leads
EIA standard
Lead spacing 2.5 mm
5.5
´ 5.0 ´ 2.5
6.5
´ 5.0 ´ 2.5
Lead spacing 5.0 mm
5.5
´ 5.0 ´ 2.5
6.5
´ 5.0 ´ 2.5
9.0
´ 7.5 ´ 2.5
Temperature characteristic
C0G
X7R
Z5U (Y5U)
B37979N
B37981M
B37982N
B37986N
B37987M
B37988N
B37979G
B37981F
B37982G
B37986G
B37987F
B37988G
B37984M
B37985N
0
Internal coding
Capacitance, coded
(example)
101
10 · 101 pF = 100 pF
222
22 · 102 pF = 2.2 nF
473
47 · 103 pF = 47 nF
^
^
^
Rated voltage
Rated voltage [VDC]
Code
50
100
51
Leaded
X7R
Multilayer ceramic capacitors


Similar Part No. - B37979G12.2J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37979G1220J000 EPCOS-B37979G1220J000 Datasheet
720Kb / 20P
   Multilayer ceramic capacitors
B37979G1220J051 EPCOS-B37979G1220J051 Datasheet
720Kb / 20P
   Multilayer ceramic capacitors
B37979G1220J054 EPCOS-B37979G1220J054 Datasheet
720Kb / 20P
   Multilayer ceramic capacitors
B37979G1221J000 EPCOS-B37979G1221J000 Datasheet
720Kb / 20P
   Multilayer ceramic capacitors
B37979G1221J051 EPCOS-B37979G1221J051 Datasheet
720Kb / 20P
   Multilayer ceramic capacitors
More results

Similar Description - B37979G12.2J000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com