Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S83200B-7TLI Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS42S83200B-7TLI
Description  256-MBIT SYNCHRONOUS DRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S83200B-7TLI Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS42S83200B-7TLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S83200B-7TLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S83200B-7TLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S83200B-7TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S83200B-7TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S83200B-7TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S83200B-7TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S83200B-7TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S83200B-7TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com
Rev. D
07/28/08
IS42S83200B,
IS42S16160B
DEVICE OVERVIEW
The 256Mb SDRAM is a high speed CMOS, dynamic
random-access memory designed to operate in 3.3V VDD
and 3.3V VDDQ memory systems containing 268,435,456
bits. Internally configured as a quad-bank DRAM with a
synchronous interface. Each 67,108,864-bit bank is orga-
nized as 8,192 rows by 512 columns by 16 bits or 8,192 rows
by 1,024 columns by 8 bits.
The 256Mb SDRAM includes an AUTO REFRESH MODE,
and a power-saving, power-down mode. All signals are
registered on the positive edge of the clock signal, CLK. All
inputs and outputs are LVTTL compatible.
The 256Mb SDRAM has the ability to synchronously burst
data at a high data rate with automatic column-address
generation, the ability to interleave between internal banks
to hide precharge time and the capability to randomly
change column addresses on each clock cycle during burst
access.
A self-timed row precharge initiated at the end of the burst
sequence is available with the AUTO PRECHARGE func-
tion enabled. Precharge one bank while accessing one of the
other three banks will hide the precharge cycles and provide
seamless, high-speed, random-access operation.
SDRAM read and write accesses are burst oriented starting at
a selected location and continuing for a programmed num-
ber of locations in a programmed sequence. The registra-
tion of an ACTIVE command begins accesses, followed by
a READ or WRITE command. The ACTIVE command in
conjunction with address bits registered are used to select
the bank and row to be accessed (BA0, BA1 select the
bank; A0-A12 select the row).
The READ or WRITE
commands in conjunction with address bits registered are
used to select the starting column location for the burst
access.
Programmable READ or WRITE burst lengths consist of 1,
2, 4 and 8 locations or full page, with a burst terminate
option.
CLK
CKE
CS
RAS
CAS
WE
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA0
BA1
A10
A12
COMMAND
DECODER
&
CLOCK
GENERATOR
MODE
REGISTER
REFRESH
CONTROLLER
REFRESH
COUNTER
SELF
REFRESH
CONTROLLER
ROW
ADDRESS
LATCH
COLUMN
ADDRESS LATCH
BURST COUNTER
COLUMN
ADDRESS BUFFER
COLUMN DECODER
DATA IN
BUFFER
DATA OUT
BUFFER
DQML
DQMH
DQ 0-15
VDD/VDDQ
Vss/VssQ
13
13
9
13
13
9
16
16
16
16
512
(x 16)
8192
8192
8192
8192
MEMORY CELL
ARRAY
BANK 0
SENSE AMP I/O GATE
BANK CONTROL LOGIC
ROW
ADDRESS
BUFFER
A11
2
FUNCTIONAL BLOCK DIAGRAM (FOR 4MX16X4 BANKS SHOWN)


Similar Part No. - IS42S83200B-7TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200B-7TLI ISSI-IS42S83200B-7TLI Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S83200B-7TLI

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
   256 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S256400D INFINEON-HYB39S256400D Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39S256400DT INFINEON-HYB39S256400DT Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L256160AC INFINEON-HYB39L256160AC Datasheet
632Kb / 48P
   256 MBit Synchronous Low-Power DRAM
2002-12-20
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com