Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV25616AL-12TI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61LV25616AL-12TI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV25616AL-12TI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61LV25616AL-12TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV25616AL-12TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. F
12/15/2011
IS61LV25616AL
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VoH
OutputHIGHVoltage
VDD = Min.,IoH = –4.0mA
2.4
V
VoL
OutputLOWVoltage
VDD = Min.,IoL = 8.0mA
0.4
V
VIH
InputHIGHVoltage
2.0
VDD + 0.3
V
VIL
InputLOWVoltage(1)
–0.3
0.8
V
ILI
InputLeakage
GND
≤VIn ≤ VDD
Com.
–2
2
µA
Ind.
–5
5
ILo
OutputLeakage
GND
≤Vout ≤ VDD
Com.
–2
2
µA
OutputsDisabled
Ind.
–5
5
Notes:
1. VIL (min.)= –2.0Vforpulsewidthlessthan10ns.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
Vterm
TerminalVoltagewithRespecttoGND
–0.5toVDD+0.5
V
tstg
StorageTemperature
–65to+150
°C
Pt
PowerDissipation
1.0
W
Note:
1. StressgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycause
permanentdamagetothedevice.Thisisastressratingonlyandfunctionaloperation
ofthedeviceattheseoranyotherconditionsabovethoseindicatedintheoperational
sections of this specification is not implied. Exposure to absolute maximum rating
conditionsforextendedperiodsmayaffectreliability.
OPERATING RANGE
VDD
Range
Ambient Temperature
10ns
12ns
Commercial
0°Cto+70°C
3.3V+10%,-5%
3.3V+10%
Industrial
–40°Cto+85°C
3.3V+10%,-5%
3.3V+10%


Similar Part No. - IS61LV25616AL-12TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616AL-12TI ISSI-IS61LV25616AL-12TI Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616AL-12TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com