Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV25616EDBLL-10BLI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61WV25616EDBLL-10BLI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV25616EDBLL-10BLI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61WV25616EDBLL-10BLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-10BLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-10BLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-10BLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-10BLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-10BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-10BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-10BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV25616EDBLL-10BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
5
Rev. A
09/29/2011
1
2
3
4
5
6
7
8
9
10
11
12
IS61/64WV25616EDBLL
POWER SUPPLY CHARACTERISTICS(1) (OverOperatingRange)
-8
-10
-20
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
Icc
VddDynamicOperating Vdd = Max.,
Com.
—40
—30
—25
mA
SupplyCurrent
Iout = 0 mA,f=fmaX
Ind.
—45
—35
—30
Auto.
——
—50
—45
typ.(2)
21
21
Icc1
Operating
Vdd = Max.,
Com.
—20
—20
—20
mA
SupplyCurrent
Iout = 0 mA,f=0
Ind.
—25
—25
—25
Auto.
——
—40
—40
Isb1
TTLStandbyCurrent
Vdd = Max.,
Com.
10
10
—10
mA
(TTLInputs)
VIn = VIH orVIL
Ind.
—15
—15
—15
CE
≥VIH,f=0
Auto.
——
—30
—30
Isb2
CMOSStandby
Vdd = Max.,
Com.
5
5
5
mA
Current(CMOSInputs) CE≥Vdd – 0.2V,
Ind.
6
6
6
VIn ≥ Vdd – 0.2V, or
Auto.
——
—15
15
VIn ≤ 0.2V, f=0
typ.(2)
1.5
1.5
Note:
1.Atf=fmaX,addressanddatainputsarecyclingatthemaximumfrequency,f=0meansnoinputlineschange.
2.TypicalvaluesaremeasuredatVdd=3.0V,Ta=25oCandnot100%tested.
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 2.4V-3.6V
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VoH
OutputHIGHVoltage
Vdd = Min.,IoH = –1.0mA
1.8
V
VoL
OutputLOWVoltage
Vdd = Min.,IoL = 1.0mA
0.4
V
VIH
InputHIGHVoltage
2.0
Vdd + 0.3
V
VIL
InputLOWVoltage(1)
–0.3
0.8
V
ILI
InputLeakage
GND≤ VIn ≤ Vdd
–1
1
µA
ILo
OutputLeakage
GND≤ Vout ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. VIL (min.)= –0.3VDC;VIL(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
VIH (max.)= Vdd +0.3V dc;VIH (max.)= Vdd +2.0V ac(pulsewidth<10ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 3.3V + 10%
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VoH
OutputHIGHVoltage
Vdd = Min.,IoH = –4.0mA
2.4
V
VoL
OutputLOWVoltage
Vdd = Min.,IoL = 8.0mA
0.4
V
VIH
InputHIGHVoltage
2
Vdd + 0.3
V
VIL
InputLOWVoltage(1)
–0.3
0.8
V
ILI
InputLeakage
GND≤VIn ≤ Vdd
–1
1
µA
ILo
OutputLeakage
GND≤Vout ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1.VIL (min.)= –0.3VDC;VIL(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
VIH (max.)= Vdd +0.3V dc;VIH (max.)= Vdd +2.0V ac(pulsewidth<10ns).Not100%tested.


Similar Part No. - IS61WV25616EDBLL-10BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616EDBLL ISSI-IS61WV25616EDBLL Datasheet
751Kb / 14P
   Data control for upper and lower bytes
More results

Similar Description - IS61WV25616EDBLL-10BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com