Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSW-125-08-L-S Datasheet(PDF) 2 Page - Samtec, Inc

Part # TSW-125-08-L-S
Description  THROUGH-HOLE .025" SQ POST HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

TSW-125-08-L-S Datasheet(HTML) 2 Page - Samtec, Inc

  TSW-125-08-L-S Datasheet HTML 1Page - Samtec, Inc TSW-125-08-L-S Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TSW–112–07–G–T
TSW–109–10–F–D–RA
TSW–120–13–L–D
TSW–112–16–T–S–RE
WWW.SAMTEC.COM
Two leads per strip crimped in
opposite directions on or near
centerline. See charts for available
styles. N/A with single row 1 or 2
positions. Recommended hole size
(1,02 mm ± 0,03 mm) .040" ± .001"
OTHER OPTIONS
(2,29)
.090
(7,37)
.290
(9,91)
.390
(12,45)
.490
(14,99)
.590
(20,07)
.790
(5,08)
.200
N/A
(4,83)
.190
(2,54)
.100
N/A
(17,53)
.690
N/A
(15,24)
.600
Straight Pin Versions
(Specify “LEAD STYLE” from chart)
Right Angle Versions
(Specify “LEAD STYLE” from chart and select –RA or –RE from other options)
TRIPLE (–T & – Q)
A
– RE LEAD
STYLE
(4,83)
.190
(7,37)
.290
(9,91)
.390
(12,45)
.490
(17,53)
.690
(2,54)
.100
(22,61)
.890
(2,29)
.090
(20,07)
.790
(14,99)
.590
– 09
–10
–11
–12
–13
–16
– 21
– 22
– 27
– 28
SINGLE
A
– RA LEAD
STYLE
– 08
– 09
–10
–11
–12
–13
–16
– 21
– 22
– 25
– 27
– 28
– 29
– 30
(2,29)
.090
(7,37)
.290
(9,91)
.390
(12,45)
.490
(14,99)
.590
(20,07)
.790
(5,08)
.200
(25,15)
.990
(4,83)
.190
(2,54)
.100
(22,61)
.890
(17,53)
.690
(20,32)
.800
(15,24)
.600
A
(5,84)
.230
(8,13)
.320
(5,84)
.230
(8,13)
.320
(5,84)
.230
(8,13)
.320
C
SINGLE (– S)
DOUBLE (– D)
A
(2,29)
.090
(7,37)
.290
(9,91)
.390
(12,45)
.490
(14,99)
.590
N/A
(5,08)
.200
N/A
(4,83)
.190
(2,54)
.100
N/A
C
– 05
– 06
– 07
– 08
– 09
–10
–11
–12
–13
–14
–15
–16
–17
B
STYLE
A
(8,51)
.335
(7,62)
.300
(10,92)
.430
(13,46)
.530
(18,54)
.730
(21,08)
.830
(23,62)
.930
(26,16)
1.030
(31,24)
1.230
(13,46)
.530
(18,54)
.730
(21,08)
.830
(2,67)
.105
(2,67)
.105
(5,84)
.230
(8,13)
.320
(13,21)
.520
(8,13)
.320
(15,74)
.620
(3,30)
.130
(2,41)
.095
(2,54)
.100
(5,08)
.200
(10,16)
.400
(12,70)
.500
(15,24)
.600
(17,78)
.700
(22,86)
.900
(2,79)
.110
(7,87)
.310
(2,79)
.110
* Available with – LL
(Locking Lead) Option
LEAD
STYLE
(5,84)
.230
(8,13)
.320
(5,84)
.230
C
C
B
A
A
(2,54)
.100
(1,78)
.070
(2,54)
.100
(2,54)
.100
C
– RA or –RE
= Right Angle
PLATING
OPTION
(2,54)
.100
(0,64) .025 SQ Tail
(0,64) .025 SQ Post
C
B
A
*
*
*
*
*
*
*
*
+
+
*
*
*
Specify -07 for best mate with IDXX Series IDC Cable
–F
= Gold flash on post, Matte Tin on tail
–L
= 10µ" (0,25 µm) Gold on post, Matte Tin on tail
–G
= 10µ" (0,25 µm) Gold on post, Gold flash on balance
–T
= Matte Tin
–S
= Single
Row
–D
= Double
Row
–T
= Triple
Row
–Q
= Double
Row
(5,08 mm)
.200"
row
space
ALSO
AVAILABLE
Elevated Right
Angle option.
Call Samtec.
–18
–19
– 20
– 21
– 22
– 23
– 24
– 25
– 26
– 27
– 28
– 29
– 30
– 41
– 42
B
STYLE
A
C
(23,62)
.930
(26,16)
1.030
(31,24)
1.230
(36,32)
1.430
(16,00)
.630
(11,30)
.445
(12,15)
.480
(16,00)
.630
(11,58)
.456
(33,78)
1.330
(28,70)
1.130
(33,78)
1.330
(28,70)
1.130
(9,27)
.365
(11,94)
.470
(2,79)
.110
(7,62)
.300
(2,92)
.115
(5,33)
.210
(3,20)
.126
(25,40)
1.000
(20,32)
.800
(23,11)
.910
(18,03)
.710
(0,89)
.035
(1,27)
.050
(18,29)
.720
(20,83)
.820
(25,91)
1.020
(30,99)
1.220
(5,84)
.230
(6,73)
.265
(8,13)
.320
(5,84)
.230
(8,13)
.320
(5,84)
.230
(8,13)
.320
–“XXX”
= Polarized Position
+ Style –41 & –42 available
with HTSW only.
Except: Style –26
(0,46) .018 DIA Tail
–LC
= Locking Clip
(Styles –08 thru
–13 & –22 only)
LOCKING
CLIP
PC
BOARD
IDSS or IDSD
STRIP ASSEMBLY
.025" SQ
TERMINAL
STRIP (TSW)
Requires 4 pin minimum
(NA with -T,-Q,-RA or -RE)
*Available with – LA
(Locking Lead) Option
–LA
= –RA Option
with –LL Option
ROW
OPTION
Note: Other Gold plating options available. Contact Samtec.
–LL
= Locking Lead
–NA
= Right Angle
(using straight body for coplanar
mating with SSW-RA series)
(1,27)
.050
LEAD
STYLE
B
– RA
(1,52)
.060
– RE
(4,06)
.160
*
*
*
*
*
*
*


Similar Part No. - TSW-125-08-L-S

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
TSW-12 SHINMEI-TSW-12 Datasheet
323Kb / 8P
   Multi-Functional Switch (Double Action Tactile Rotary Encoder)
TSW-12-111-GT10 SHINMEI-TSW-12-111-GT10 Datasheet
323Kb / 8P
   Multi-Functional Switch (Double Action Tactile Rotary Encoder)
TSW-12-111-T10 SHINMEI-TSW-12-111-T10 Datasheet
323Kb / 8P
   Multi-Functional Switch (Double Action Tactile Rotary Encoder)
TSW-12-121-GT10 SHINMEI-TSW-12-121-GT10 Datasheet
323Kb / 8P
   Multi-Functional Switch (Double Action Tactile Rotary Encoder)
TSW-12-121-T10 SHINMEI-TSW-12-121-T10 Datasheet
323Kb / 8P
   Multi-Functional Switch (Double Action Tactile Rotary Encoder)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com