Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR86400B-37CBLA2 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS46DR86400B-37CBLA2
Description  512Mb (x8, x16) DDR2 SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR86400B-37CBLA2 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS46DR86400B-37CBLA2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR86400B-37CBLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
IS43/46DR86400B, IS43/46DR16320B
Integrated Silicon Solution, Inc. – www.issi.com –
2
Rev. I, 8/01/2012
Package Ball-out and Description
DDR2 SDRAM (64Mx8) 60-ball TW-BGA Ball-out (Top-View) (10.00 mm X 10.50 mm Body, 0.8 mm pitch)
Description
Input clocks
Clock enable
Chip Select
Command control pins
Address
Bank Address
I/O
Data Strobe
Redundant Data Strobe
Input data mask
Supply voltage
Ground
DQ power supply
DQ ground
Reference voltage
DLL power supply
DLL ground
On Die Termination Enable
No connect
Symbol
CK, CK#
CKE
CS#
RAS#,CAS#,WE#
A[13:0]
BA[1:0]
DQ[7:0]
DQS, DQS#
RDQS, RDQS#
DM
VDD
VDDL
VSSDL
NC
VSS
VDDQ
VSSQ
VREF
ODT
Notes:
1. Pins B3 and A2 have identical capacitance as pins B7
and A8.
2. For a read, when enabled, strobe pair RDQS & RDQS#
are identical in function and timing to strobe pair DQS &
DQS# and input masking function is disabled.
3. The function of DM or RDQS/RDQS# are enabled by
EMRS command.
4. VDDL and VSSDL are power and ground for the DLL.


Similar Part No. - IS46DR86400B-37CBLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR86400D ISSI-IS46DR86400D Datasheet
1Mb / 48P
   Differential data strobe
More results

Similar Description - IS46DR86400B-37CBLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com