Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS65WV25616DBLL-45CTLA1 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS65WV25616DBLL-45CTLA1
Description  256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65WV25616DBLL-45CTLA1 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS65WV25616DBLL-45CTLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS65WV25616DBLL-45CTLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IS62WV25616DALL/DBLL, IS65WV25616DBLL
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. D
06/19/2013
POWER SUPPLY CHARACTERISTICS(1) (OverOperatingRange)
-35
-45
-55
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
iCC
VddDynamicOperating
Vdd = Max.,
Com.
20
15
15
mA
Supply Current
iOut = 0 mA, f = fmaX
Ind./AutoA1
25
18
15
CE =
ViL
Auto.A3
30
25
25
Vin ≥ Vdd – 0.3V, or
typ.(2)
10
Vin ≤ 0.4V
iCC1
Operating
Vdd = Max.,
Com.
3
3
3
mA
Supply Current
iOut = 0 mA, f = 0
Ind./AutoA1
3
3
3
CE =
ViL
Auto.A3
3
3
3
Vin ≥ Vdd – 0.3V, or
Vin ≤ 0.4V
isb2
CMOSStandby
Vdd = Max.,
Com.
5
5
5
µA
Current(CMOSInputs) CS1 ≥ Vdd – 0.2V,
Ind./Auto A1
10
10
10
CS2 ≤ 0.2V,
Auto. A3
30
30
30
Vin ≥ Vdd – 0.2V, or
typ.(2)
2
Vin ≤ 0.2V, f = 0
OR
ULBControl
Vdd=Max.,CS1 = ViL, Cs2=ViH
Vin ≤ 0.2V, f = 0; UB / LB = Vdd–0.2V
Note:
1. At f = fmaX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2.TypicalvaluesaremeasuredatVdd=3.0V,Ta = 25oCandnot100%tested.
OPERATING RANGE (VDD)
Range
Ambient Temperature
VDD (45 nS)
VDD (35 nS)
Commercial
0°Cto+70°C
2.3V-3.6V
3.3V+5%
Industrial
–40°Cto+85°C
2.3V-3.6V
3.3V+5%
Automotive(A1)
–40°Cto+85°C
2.3V-3.6V
3.3V+5%
OPERATING RANGE (VDD)
Range
Ambient Temperature
VDD
Speed
Commercial
0°Cto+70°C
1.65V-2.2V
45ns
Industrial
–40°Cto+85°C
1.65V-2.2V
55ns
Automotive
–40°Cto+125°C
1.65V-2.2V
55ns
OPERATING RANGE (VDD)
Range
Ambient Temperature
VDD (45 nS)
Automotive(A3)
–40°Cto+125°C
2.3V-3.6V


Similar Part No. - IS65WV25616DBLL-45CTLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65WV25616DBLL ISSI-IS65WV25616DBLL Datasheet
373Kb / 17P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
More results

Similar Description - IS65WV25616DBLL-45CTLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV25616ALL ISSI-IS62WV25616ALL Datasheet
112Kb / 14P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
IS65WV25616DBLL ISSI-IS65WV25616DBLL Datasheet
373Kb / 17P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
IS65WV25616ALL ISSI-IS65WV25616ALL Datasheet
103Kb / 13P
   256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
logo
Brilliance Semiconducto...
BS616UV4010 BSI-BS616UV4010 Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com