Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1280A-2VQ160I Datasheet(PDF) 7 Page - Microsemi Corporation

Part # A1280A-2VQ160I
Description  ACT 2 Family FPGAs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1280A-2VQ160I Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button A1280A-2VQ160I Datasheet HTML 3Page - Microsemi Corporation A1280A-2VQ160I Datasheet HTML 4Page - Microsemi Corporation A1280A-2VQ160I Datasheet HTML 5Page - Microsemi Corporation A1280A-2VQ160I Datasheet HTML 6Page - Microsemi Corporation A1280A-2VQ160I Datasheet HTML 7Page - Microsemi Corporation A1280A-2VQ160I Datasheet HTML 8Page - Microsemi Corporation A1280A-2VQ160I Datasheet HTML 9Page - Microsemi Corporation A1280A-2VQ160I Datasheet HTML 10Page - Microsemi Corporation A1280A-2VQ160I Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
R e visio n 8
2 -1
2 – Detailed Specifications
Operating Conditions
Table 2-1 • Absolute Maximum Ratings1
Symbol
Parameter
Limits
Units
VCC
DC supply voltage
–0.5 to +7.0
V
VI
Input voltage
–0.5 to VCC + 0.5
V
VO
Output voltage
–0.5 to VCC + 0.5
V
IIO
I/O source sink current2
±20
mA
TSTG
Storage temperature
–65 to +150
°C
Notes:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability. Device should not be
operated outside the recommended operating conditions.
2. Device inputs are normally high impedance and draw extremely low current. However, when input voltage is greater
than VCC + 0.5 V for less than GND –0.5 V, the internal protection diodes will be forward biased and can draw
excessive current.
Table 2-2 • Recommended Operating Conditions
Parameter
Commercial
Industrial
Military
Units
Temperature range*
0 to +70
–40 to +85
–55 to +125
°C
Power supply tolerance
±5
±10
±10
%VCC
Note:
*Ambient temperature (TA) is used for commercial and industrial; case temperature (TC) is used for military.


Similar Part No. - A1280A-2VQ160I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1280A-2VQ176B ACTEL-A1280A-2VQ176B Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1280A-2VQ176C ACTEL-A1280A-2VQ176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1280A-2VQ176I ACTEL-A1280A-2VQ176I Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1280A-2VQ176M ACTEL-A1280A-2VQ176M Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results

Similar Description - A1280A-2VQ160I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com