Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFW31SP157X1E4L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NFW31SP157X1E4L
Description  Chip EMIFIL LC Combined Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFW31SP157X1E4L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NFW31SP157X1E4L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFW31SP157X1E4L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
1
o
This data sheet is applied for LC Combined CHIP EMIFILr used for General Electronics equipment for your design.
2005.3.4
Noise Suppression Products/EMI Suppression Filters > Chip EMIFILr LC Combined Type > Winding Type
(1) : Input electrode
(2) : Ground electrode
(3) : Output electrode
(1)
(2)
(3)
2.3
±0.2
0.7
±0.3
0.65
±0.2
0.7
±0.3
1.6
±0.2
3.2
±0.3
∗No polarity.
(in mm)
0
20
40
80
110
5
50
100
500
1000
2000
NFW31SP106X1E4
NFW31SP207X1E4
NFW31SP507X1E4
Frequency (MHz)
NFW31SP506X1E4
60
NFW31SP206X1E4
NFW31SP157X1E4
NFW31SP107X1E4
NFW31SP307X1E4
NFW31SP407X1E4
(50
Ω - 50Ω)
GND
(2)
(1) Input
Output (3)
No polarity.
Chip EMIFILr LC Combined Type
NFW31SP Series (1206 Size)
I Dimension
I IL of Main Items
I Equivalent Circuit
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Plastic Tape
2000
K
330mm Plastic Tape
7500
I Rated Value (p: packaging code)
Part Number
Nominal Cut-off Freq.
Insertion Loss
(Cut-off Frequency)
Attenuation at 500MHz
Attenuation at 1000MHz
Rated Current
Rated Voltage
Operating
Temperature Range
Number of Circuit
NFW31SP106X1E4p
10MHz
6dB max.
30dBmin.
30dBmin.
200mA
25Vdc
-40
°C to 85°C
1
NFW31SP206X1E4p
20MHz
6dB max.
30dBmin.
30dBmin.
200mA
25Vdc
-40
°C to 85°C
1
NFW31SP506X1E4p
50MHz
6dB max.
30dBmin.
30dBmin.
200mA
25Vdc
-40
°C to 85°C
1
NFW31SP107X1E4p
100MHz
6dB max.
20dBmin.
30dBmin.
200mA
25Vdc
-40
°C to 85°C
1
NFW31SP157X1E4p
150MHz
6dB max.
30dBmin.
30dBmin.
200mA
25Vdc
-40
°C to 85°C
1
NFW31SP207X1E4p
200MHz
6dB max.
10dBmin.
30dBmin.
200mA
25Vdc
-40
°C to 85°C
1
NFW31SP307X1E4p
300MHz
6dB max.
5dBmin.
15dBmin.
200mA
25Vdc
-40
°C to 85°C
1
NFW31SP407X1E4p
400MHz
6dB max.
-
10dBmin.
200mA
25Vdc
-40
°C to 85°C
1
NFW31SP507X1E4p
500MHz
6dB max.
6dBmax.
10dBmin.
200mA
25Vdc
-40
°C to 85°C
1
!Caution (Rating)
Do not use products beyond the rated current and
rated voltage as this may create excessive heat
and deteriorate the insulation resistance .
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - NFW31SP157X1E4L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFW31SP157X1E4L MURATA1-NFW31SP157X1E4L Datasheet
375Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
More results

Similar Description - NFW31SP157X1E4L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BNX023-01L MURATA-BNX023-01L Datasheet
50Kb / 2P
   Block Type EMIFIL LC Combined Type
BNX023-01B MURATA-BNX023-01B Datasheet
50Kb / 2P
   Block Type EMIFIL LC Combined Type
468106 MURATA-468106 Datasheet
50Kb / 2P
   Block Type EMIFIL (LC Combined) SMD Type
NFE61PT102E1H9L MURATA-NFE61PT102E1H9L Datasheet
62Kb / 2P
   EMIFIL (LC Combined) Feed through Type
NFA21SL207X1A48L MURATA-NFA21SL207X1A48L Datasheet
48Kb / 2P
   EMIFIL (LC Combined) Array
NFL21SP106X1C3D MURATA-NFL21SP106X1C3D Datasheet
67Kb / 2P
   EMIFIL (LC Combined) Multilayer Type NFL21SP Series (0805 Size)
NFE31P MURATA-NFE31P Datasheet
48Kb / 2P
   Chip EMIFILr LC Combined Type
NFA31GD1006R84D MURATA-NFA31GD1006R84D Datasheet
95Kb / 2P
   EMIFIL (RC Combined) Array
NFA31G MURATA-NFA31G Datasheet
95Kb / 2P
   EMIFIL (RC Combined) Array
BNX022-01 MURATA-BNX022-01 Datasheet
50Kb / 2P
   Block Type EMIFILr LC Combined Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com