Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3PN0302QNG100YPP Datasheet(PDF) 7 Page - Microsemi Corporation

Part # A3PN0302QNG100YPP
Description  ProASIC3 nano Flash FPGAs
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PN0302QNG100YPP Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button A3PN0302QNG100YPP Datasheet HTML 3Page - Microsemi Corporation A3PN0302QNG100YPP Datasheet HTML 4Page - Microsemi Corporation A3PN0302QNG100YPP Datasheet HTML 5Page - Microsemi Corporation A3PN0302QNG100YPP Datasheet HTML 6Page - Microsemi Corporation A3PN0302QNG100YPP Datasheet HTML 7Page - Microsemi Corporation A3PN0302QNG100YPP Datasheet HTML 8Page - Microsemi Corporation A3PN0302QNG100YPP Datasheet HTML 9Page - Microsemi Corporation A3PN0302QNG100YPP Datasheet HTML 10Page - Microsemi Corporation A3PN0302QNG100YPP Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 114 page
background image
Revision 11
1-1
1 – ProASIC3 nano Device Overview
General Description
ProASIC3, the third-generation family of Microsemi flash FPGAs, offers performance, density, and
features beyond those of the ProASICPLUS® family. Nonvolatile flash technology gives ProASIC3 nano
devices the advantage of being a secure, low power, single-chip solution that is Instant On. ProASIC3
nano devices are reprogrammable and offer time-to-market benefits at an ASIC-level unit cost. These
features enable designers to create high-density systems using existing ASIC or FPGA design flows and
tools.
ProASIC3 nano devices offer 1 kbit of on-chip, reprogrammable, nonvolatile FlashROM storage as well
as clock conditioning circuitry based on an integrated phase-locked loop (PLL). A3PN030 and smaller
devices do not have PLL or RAM support. ProASIC3 nano devices have up to 250,000 system gates,
supported with up to 36 kbits of true dual-port SRAM and up to 71 user I/Os.
ProASIC3 nano devices increase the breadth of the ProASIC3 product line by adding new features and
packages for greater customer value in high volume consumer, portable, and battery-backed markets.
Added features include smaller footprint packages designed with two-layer PCBs in mind, low power,
hot-swap capability, and Schmitt trigger for greater flexibility in low-cost and power-sensitive applications.
Flash Advantages
Reduced Cost of Ownership
Advantages to the designer extend beyond low unit cost, performance, and ease of use. Unlike SRAM-
based FPGAs, flash-based ProASIC3 nano devices allow all functionality to be Instant On; no external
boot PROM is required. On-board security mechanisms prevent access to all the programming
information and enable secure remote updates of the FPGA logic. Designers can perform secure remote
in-system reprogramming to support future design iterations and field upgrades with confidence that
valuable intellectual property (IP) cannot be compromised or copied. Secure ISP can be performed using
the industry-standard AES algorithm. The ProASIC3 nano device architecture mitigates the need for
ASIC migration at higher user volumes. This makes the ProASIC3 nano device a cost-effective ASIC
replacement solution, especially for applications in the consumer, networking/communications,
computing, and avionics markets.
With a variety of devices under $1, ProASIC3 nano FPGAs enable cost-effective implementation of
programmable logic and quick time to market.
Security
Nonvolatile, flash-based ProASIC3 nano devices do not require a boot PROM, so there is no vulnerable
external bitstream that can be easily copied. ProASIC3 nano devices incorporate FlashLock, which
provides a unique combination of reprogrammability and design security without external overhead,
advantages that only an FPGA with nonvolatile flash programming can offer.
ProASIC3 nano devices utilize a 128-bit flash-based lock and a separate AES key to provide the highest
level of protection in the FPGA industry for programmed intellectual property and configuration data. In
addition, all FlashROM data in ProASIC3 nano devices can be encrypted prior to loading, using the
industry-leading AES-128 (FIPS192) bit block cipher encryption standard. The AES standard was
adopted by the National Institute of Standards and Technology (NIST) in 2000 and replaces the 1977
DES standard. ProASIC3 nano devices have a built-in AES decryption engine and a flash-based AES
key that make them the most comprehensive programmable logic device security solution available
today. ProASIC3 nano devices with AES-based security provide a high level of protection for remote field
updates over public networks such as the Internet, and are designed to ensure that valuable IP remains
out of the hands of system overbuilders, system cloners, and IP thieves.


Similar Part No. - A3PN0302QNG100YPP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030Z MICROSEMI-A3PN030Z Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN030Z ACTEL-A3PN030Z Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030Z1 MICROSEMI-A3PN030Z1 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results

Similar Description - A3PN0302QNG100YPP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com