Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70F186AI-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 70F186AI-RC
Description  High Q, high self-resonant frequency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

70F186AI-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  70F186AI-RC Datasheet HTML 1Page - Bourns Electronic Solutions 70F186AI-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20.3
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
Special Features
• High Q, high self-resonant
frequency
• High voltage application on phenolic
and ferrite components
• Universal wound
• Low cost
• Varnish coated
• Operating temperature:
phenolic -55 to +125 °C;
iron, ferrite -55 to +105 °C
Notes
* Current to cause 35 °C max. temperature rise
Varnished Chokes
70F Series
Part
Number
L (µH)
±20 %
Q
Test
Freq.
(MHz)
SRF
DCR
Max.
I, DC*
(mA)
Dim.
A
Max
Dim.
B
±0.03
Core
Material
70F107AP-RC
0.10
49
25
600
0.13
3922
0.15
0.31
Phenolic
70F157AP-RC
0.15
52
25
490
0.25
2828
0.14
0.31
Phenolic
70F227AP-RC
0.22
48
25
400
0.38
2294
0.14
0.31
Phenolic
70F337AP-RC
0.33
47
25
330
0.70
1690
0.12
0.31
Phenolic
70F477AP-RC
0.47
46
25
280
0.125
1264
0.12
0.31
Phenolic
70F687AP-RC
0.68
48
25
240
0.20
1000
0.12
0.31
Phenolic
70F757AP-RC
0.75
48
25
224
0.264
870
0.12
0.31
Phenolic
70F827AP-RC
0.82
48
25
216
0.29
830
0.12
0.31
Phenolic
70F106AI-RC
1.0
41
25
118
0.048
2041
0.16
0.25
Iron
±10 %
70F126AI-RC
1.2
45
7.9
118
0.072
1666
0.16
0.25
Iron
70F156AI-RC
1.5
42
7.9
102
0.096
1443
0.16
0.25
Iron
70F186AI-RC
1.8
31
7.9
89
0.096
1443
0.16
0.25
Iron
70F226AI-RC
2.2
43
7.9
87
0.156
1132
0.16
0.25
Iron
70F276AI-RC
2.7
34
7.9
74
0.168
1091
0.16
0.25
Iron
70F336AI-RC
3.3
40
7.9
66
0.24
912
0.15
0.25
Iron
70F396AI-RC
3.9
35
7.9
61
0.264
870
0.15
0.25
Iron
70F476AI-RC
4.7
43
7.9
53
0.457
661
0.15
0.25
Iron
70F566AI-RC
5.6
41
7.9
49
0.492
637
0.15
0.25
Iron
70F686AI-RC
6.8
40
7.9
49
0.624
566
0.15
0.25
Iron
70F756AI-RC
7.5
32
7.9
44
0.624
566
0.15
0.25
Iron
70F826AI-RC
8.2
37
7.9
41
0.744
518
0.15
0.25
Iron
70F916AI-RC
9.1
41
7.9
21
1.44
288
0.16
0.25
Iron
70F105AI-RC
10
36
7.9
19
1.56
277
0.16
0.25
Iron
70F125AI-RC
12
52
2.5
19
1.68
267
0.16
0.25
Iron
70F155AI-RC
15
52
2.5
16
1.92
250
0.16
0.25
Iron
±5 %
70F185AI-RC
18
52
2.5
15
2.28
229
0.16
0.25
Iron
70F225AI-RC
22
51
2.5
13
2.28
229
0.16
0.25
Iron
70F255AI-RC
25
48
2.5
13
2.64
213
0.17
0.25
Iron
70F275AI-RC
27
49
2.5
12
2.64
213
0.17
0.25
Iron
70F335AI-RC
33
50
2.5
10
2.76
208
0.17
0.25
Iron
70F395AI-RC
39
48
2.5
9.3
3.36
188
0.17
0.25
Iron
70F475AI-RC
47
44
2.5
9.1
3.36
188
0.17
0.25
Iron
70F565AI-RC
56
45
2.5
8.6
3.84
176
0.18
0.25
Iron
70F685AI-RC
68
42
2.5
8.1
4.2
169
0.18
0.25
Iron
70F755AI-RC
75
38
2.5
7.2
4.56
162
0.18
0.25
Iron
70F825AI-RC
82
41
2.5
6.7
4.8
158
0.18
0.25
Iron
70F915AI-RC
91
41
2.5
6.7
4.92
156
0.18
0.25
Iron
70F104AI-RC
100
25
2.5
3.6
7.68
139
0.16
0.25
Iron
70F124AI-RC
120
40
0.79
3.2
8.16
135
0.16
0.25
Iron
70F154AI-RC
150
47
0.79
3.0
8.16
135
0.16
0.25
Iron
70F184AI-RC
180
48
0.79
2.8
8.16
135
0.17
0.25
Iron
70F204AI-RC
200
47
0.79
2.7
10.3
120
0.17
0.25
Iron
70F224AI-RC
220
46
0.79
2.5
11.5
114
0.17
0.25
Iron
70F254AI-RC
250
49
0.79
2.5
12.1
111
0.17
0.25
Iron
70F274AI-RC
270
46
0.79
2.5
13.2
106
0.17
0.25
Iron
70F304AI-RC
300
46
0.79
2.2
13.2
106
0.17
0.25
Iron
70F334AI-RC
330
41
0.79
2.0
13.9
103
0.17
0.25
Iron
70F354AI-RC
350
46
0.79
2.0
14.4
102
0.18
0.25
Iron
“-RC” suffix indicates RoHS compliance.
Continued next page.
1.25
B
A
Dia.
0.025 for 0.1-22,000uh
0.032 for 25,000-500,000uh
Dimensions: Inches
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
REV. 06/07


Similar Part No. - 70F186AI-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
70F BOURNS-70F Datasheet
1Mb / 1P
   VARNISHED RF CHOKES
logo
Littelfuse
70F00000Z LITTELFUSE-70F00000Z Datasheet
100Kb / 1P
   Alarm Indicating Fuse
logo
Nell Semiconductor Co.,...
70FD NELLSEMI-70FD Datasheet
630Kb / 6P
   Short reverse recovery time
70FDR NELLSEMI-70FDR Datasheet
630Kb / 6P
   Fast Recovery Diodes
70FDR06A NELLSEMI-70FDR06A Datasheet
716Kb / 6P
   Fast Recovery Diodes (Stud Version), 70A
More results

Similar Description - 70F186AI-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
73F104AF-RC BOURNS-73F104AF-RC Datasheet
469Kb / 1P
   High Q, high self-resonant frequency
logo
List of Unclassifed Man...
4600 ETC-4600 Datasheet
44Kb / 1P
   High Q, high self-resonant frequency
logo
Bourns Electronic Solut...
4602-RC BOURNS-4602-RC Datasheet
108Kb / 1P
   High Q, high self-resonant frequency
74F BOURNS-74F Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
logo
List of Unclassifed Man...
5300-33 ETC-5300-33 Datasheet
170Kb / 1P
   High current, high self resonant frequency
logo
Murata Manufacturing Co...
TZW4Z1R5A001B00 MURATA-TZW4Z1R5A001B00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z1R5A001R00 MURATA-TZW4Z1R5A001R00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z010A001B00 MURATA-TZW4Z010A001B00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z010A001R00 MURATA-TZW4Z010A001R00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
logo
Wurth Elektronik GmbH &...
784787150 WURTH-784787150 Datasheet
589Kb / 7P
   Self Resonant Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com