Electronic Components Datasheet Search |
|
A42MX16-2PQ100I Datasheet(PDF) 11 Page - Microsemi Corporation |
|
A42MX16-2PQ100I Datasheet(HTML) 11 Page - Microsemi Corporation |
11 / 142 page 40MX and 42MX FPGA Families Re vi s i on 11 1-7 MultiPlex I/O Modules 42MX devices feature Multiplex I/Os and support 5.0V, 3.3V, and mixed 3.3V/5.0V operations. The MultiPlex I/O modules provide the interface between the device pins and the logic array. Figure 1-9 is a block diagram of the 42MX I/O module. A variety of user functions, determined by a library macro selection, can be implemented in the module. (Refer to the Antifuse Macro Library Guide for more information.) All 42MX I/O modules contain tristate buffers, with input and output latches that can be configured for input, output, or bidirectional operation. All 42MX devices contain flexible I/O structures, where each output pin has a dedicated output-enable control (Figure 1-9). The I/O module can be used to latch input or output data, or both, providing fast set- up time. In addition, the Designer software tools can build a D-type flip-flop using a C-module combined with an I/O module to register input and output signals. Refer to the Antifuse Macro Library Guide for more details. A42MX24 and A42MX36 devices also offer selectable PCI output drives, enabling 100% compliance with version 2.1 of the PCI specification. For low-power systems, all inputs and outputs are turned off to reduce current consumption to below 500 μA. To achieve 5.0V or 3.3V PCI-compliant output drives on A42MX24 and A42MX36 devices, a chip-wide PCI fuse is programmed via the Device Selection Wizard in the Designer software (Figure 1-10). When the PCI fuse is not programmed, the output drive is standard. Designer software development tools provide a design library of I/O macro functions that can implement all I/O configurations supported by the MX FPGAs. Note: *Can be configured as a Latch or D Flip-Flop (Using C-Module) Figure 1-9 • 42MX I/O Module Figure 1-10 • PCI Output Structure of A42MX24 and A42MX36 Devices Q D From Array To Array G/CLK* G/CLK* Q D PAD EN Signal PCI Enable PCI Fuse Drive STD Output |
Similar Part No. - A42MX16-2PQ100I |
|
Similar Description - A42MX16-2PQ100I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |