Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQG18HN22NJ00J Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQG18HN22NJ00J
Description  Chip Coils for High Frequency Monolithic Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQG18HN22NJ00J Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQG18HN22NJ00J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQG18HN22NJ00J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP COIL used for General Electronics equipment for your design.
2007.9.6
Coils/Inductors/Microchip Transformer > Chip Coils > for High Frequency Monolithic Type
1.6
±0.15
0.3
±0.2
Polarity Marking
0.8
±0.15
(in mm)
Chip Coils for High Frequency Monolithic Type
LQG18H Series (0603 Size)
I Dimension
I Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
B
Bulk(Bag)
1000
I Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC Resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQG18HN1N2S00p
1.2nH
±0.3nH
100MHz
500mA
0.10ohm
12
100MHz
6000MHz
LQG18HN1N5S00p
1.5nH
±0.3nH
100MHz
500mA
0.10ohm
12
100MHz
6000MHz
LQG18HN1N8S00p
1.8nH
±0.3nH
100MHz
500mA
0.10ohm
12
100MHz
6000MHz
LQG18HN2N2S00p
2.2nH
±0.3nH
100MHz
500mA
0.10ohm
12
100MHz
6000MHz
LQG18HN2N7S00p
2.7nH
±0.3nH
100MHz
500mA
0.15ohm
12
100MHz
6000MHz
LQG18HN3N3S00p
3.3nH
±0.3nH
100MHz
500mA
0.15ohm
12
100MHz
6000MHz
LQG18HN3N9S00p
3.9nH
±0.3nH
100MHz
450mA
0.15ohm
12
100MHz
6000MHz
LQG18HN4N7S00p
4.7nH
±0.3nH
100MHz
450mA
0.20ohm
12
100MHz
6000MHz
LQG18HN5N6S00p
5.6nH
±0.3nH
100MHz
430mA
0.20ohm
12
100MHz
5000MHz
LQG18HN6N8J00p
6.8nH
±5%
100MHz
430mA
0.25ohm
12
100MHz
5000MHz
LQG18HN8N2J00p
8.2nH
±5%
100MHz
400mA
0.25ohm
12
100MHz
4000MHz
LQG18HN10NJ00p
10nH
±5%
100MHz
400mA
0.30ohm
12
100MHz
3500MHz
LQG18HN12NJ00p
12nH
±5%
100MHz
400mA
0.35ohm
12
100MHz
3000MHz
LQG18HN15NJ00p
15nH
±5%
100MHz
350mA
0.40ohm
12
100MHz
2800MHz
LQG18HN18NJ00p
18nH
±5%
100MHz
350mA
0.45ohm
12
100MHz
2600MHz
LQG18HN22NJ00p
22nH
±5%
100MHz
300mA
0.50ohm
12
100MHz
2300MHz
LQG18HN27NJ00p
27nH
±5%
100MHz
300mA
0.55ohm
12
100MHz
2000MHz
LQG18HN33NJ00p
33nH
±5%
100MHz
300mA
0.60ohm
12
100MHz
1700MHz
LQG18HN39NJ00p
39nH
±5%
100MHz
300mA
0.65ohm
12
100MHz
1500MHz
LQG18HN47NJ00p
47nH
±5%
100MHz
300mA
0.70ohm
12
100MHz
1200MHz
LQG18HN56NJ00p
56nH
±5%
100MHz
300mA
0.75ohm
12
100MHz
1100MHz
LQG18HN68NJ00p
68nH
±5%
100MHz
300mA
0.80ohm
12
100MHz
1000MHz
LQG18HN82NJ00p
82nH
±5%
100MHz
300mA
0.85ohm
12
100MHz
900MHz
Operating Temperature Range: -40
°C to +85°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQG18HN22NJ00J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQG18HN22NJ00J MURATA-LQG18HN22NJ00J Datasheet
72Kb / 2P
   Inductance
More results

Similar Description - LQG18HN22NJ00J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM18NN1R8K00D MURATA-LQM18NN1R8K00D Datasheet
111Kb / 4P
   Chip Coils for General Use Monolithic Type
LQM18NN1R0K00D MURATA-LQM18NN1R0K00D Datasheet
117Kb / 4P
   Chip Coils for General Use Monolithic Type
LQM31PN1R0M00L MURATA-LQM31PN1R0M00L Datasheet
33Kb / 1P
   Chip Coils for DC-DC Converter Monolithic Type
LQW15ANR10J00D MURATA-LQW15ANR10J00D Datasheet
105Kb / 5P
   Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
LQW15A MURATA-LQW15A Datasheet
105Kb / 5P
   Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
LQM21PNR47MC0D MURATA-LQM21PNR47MC0D Datasheet
33Kb / 1P
   Chip Inductors (Chip Coils) for DC-DC Converter Monolithic Type LQM21P Series
logo
Kemet Corporation
SS11VL-R03550 KEMET-SS11VL-R03550 Datasheet
363Kb / 6P
   SS Coils, SS11VL High Frequency Type
SU16VD-3040 KEMET-SU16VD-3040 Datasheet
284Kb / 4P
   SU Coils, SU 16VD High Frequency Type
SU10VD-10020 KEMET-SU10VD-10020 Datasheet
275Kb / 4P
   SU Coils, SU 10VD High Frequency Type
SC-10-D050 KEMET-SC-10-D050 Datasheet
423Kb / 4P
   SC Coils, SC-D High Frequency Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com