Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNA4501F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNA4501F
Description  GaAlAs Red Light Emitting Diode For optical fiber communications and control systems
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNA4501F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNA4501F Datasheet HTML 1Page - Panasonic Semiconductor LNA4501F Datasheet HTML 2Page - Panasonic Semiconductor LNA4501F Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Visible Light Emitting Diodes (Red)
LNA4501F (LN124W)
GaAlAs Red Light Emitting Diode
For optical fiber communications and control systems
ø4.4
±0.2
ø4.8
±0.2
C0.2
2.54
2-1.0
±0.1
2- 0.6
±0.15
1
2
1: Cathode
2: Anode
Unit : mm
Features
Red light emission close to monochromatic light :
λ
P = 680 nm
High-power output, high-efficiency : PO = 3 mW
High coupling characteristics and suits to a plastic fiber
High-speed response : –3dB modulation of 10 MHz
Flat resin package : ø 4.8 mm
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Power dissipation
PD
120
mW
Forward current (DC)
IF
40
mA
Pulse forward current
IFP*
200
mA
Reverse voltage (DC)
VR
3V
Operating ambient temperature
Topr
–25 to +85
˚C
Storage temperature
Tstg
–30 to +100
˚C
* tw = 10 µs, Duty cycle = 10 %
Electro-Optical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Radiant power
PO
IF = 20mA
1
3
mW
Peak emission wavelength
λ
P
IF = 20mA
680
nm
Spectral half band width
∆λ
IF = 20mA
20
nm
Forward voltage (DC)
VF
IF = 20mA
1.8
2.6
V
Reverse current (DC)
IR
VR = 3V
100
µA
Response time
tr, tf
IFP = 100mA
30
ns
Half-power angle
θ
The angle in which radiant intencity is 50%
30
deg.
Note : Before using this product, be sure provide and/or receive approvals regarding individual specifications.
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - LNA4501F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNA4501F PANASONIC-LNA4501F Datasheet
41Kb / 2P
   GaAlAs Red Light Emitting Diode
More results

Similar Description - LNA4501F

ManufacturerPart #DatasheetDescription
logo
NEC
NDL4201A NEC-NDL4201A Datasheet
33Kb / 2P
   850nm OPTICAL FIBER COMMUNICATIONS AlGaAs LIGHT EMITTING DIODE
logo
Panasonic Semiconductor
LN145W PANASONIC-LN145W Datasheet
26Kb / 1P
   GaAlAs Red Light Emitting Diode
LNA4501F PANASONIC-LNA4501F Datasheet
41Kb / 2P
   GaAlAs Red Light Emitting Diode
LNA2902L PANASONIC-LNA2902L Datasheet
83Kb / 4P
   GaAs infrared light emitting diode For optical control systems
logo
Micropac Industries
62074 MICROPAC-62074 Datasheet
80Kb / 2P
   FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
logo
KODENSHI_AUK CORP.
KLP-32R KODENSHI-KLP-32R Datasheet
243Kb / 2P
   Light Emitting Diode(GaAlAs)
logo
OSRAM GmbH
SFH-4860 OSRAM-SFH-4860 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
SFH4860 OSRAM-SFH4860_16 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
logo
Panasonic Semiconductor
LN77L PANASONIC-LN77L Datasheet
40Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN78 PANASONIC-LN78 Datasheet
35Kb / 2P
   GaAlAs Infrared Light Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com