Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA494 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA494
Description  16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA494 Datasheet(HTML) 4 Page - Analog Devices

  ADA494 Datasheet HTML 1Page - Analog Devices ADA494 Datasheet HTML 2Page - Analog Devices ADA494 Datasheet HTML 3Page - Analog Devices ADA494 Datasheet HTML 4Page - Analog Devices ADA494 Datasheet HTML 5Page - Analog Devices ADA494 Datasheet HTML 6Page - Analog Devices ADA494 Datasheet HTML 7Page - Analog Devices ADA494 Datasheet HTML 8Page - Analog Devices ADA494 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7980-EP
Rev. 0 | Page 4 of 12
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, VREF = 5 V, TA = –55°C to +125°C, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
REFERENCE
Voltage Range
2.4
5.1
V
Load Current
1 MSPS, REF = 5 V
330
µA
SAMPLING DYNAMICS
−3 dB Input Bandwidth
10
MHz
Aperture Delay
VDD = 2.5 V
2.0
ns
DIGITAL INPUTS
Logic Levels
V
IL
VIO > 3V
–0.3
0.3 × VIO
V
V
IH
VIO > 3V
0.7 × VIO
VIO + 0.3
V
V
IL
VIO ≤ 3V
–0.3
0.1 × VIO
V
IH
VIO ≤ 3V
0.9 × VIO
VIO + 0.3
µA
I
IL
−1
+1
µA
I
IH
−1
+1
µA
DIGITAL OUTPUTS
Data Format
Serial 16 bits straight binary
Pipeline Delay
Conversion results available immediately
after completed conversion
V
OL
I
SINK = 500 µA
0.4
V
V
OH
I
SOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
VDD
2.375
2.5
2.625
V
VIO
Specified performance
2.3
5.5
V
VIO Range
1.8
5.5
V
Standby Current1, 2
VDD and VIO = 2.5 V, 25°C
0.35
nA
Power Dissipation
10 kSPS throughput
70
µW
1 MSPS throughput
7.0
10
mW
Energy per Conversion
7.0
nJ/sample
TEMPERATURE RANGE
Specified Performance
T
MIN to TMAX
−55
+125
°C
1 With all digital inputs forced to VIO or GND as required.
2 During the acquisition phase.


Similar Part No. - ADA494

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4940-1 AD-ADA4940-1 Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
ADA4940-1 AD-ADA4940-1 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
ADA4940-1 AD-ADA4940-1 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
ADA4940-1ACP-EBZ AD-ADA4940-1ACP-EBZ Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
ADA4940-1ACPZ-R2 AD-ADA4940-1ACPZ-R2 Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
More results

Similar Description - ADA494

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7980 AD-AD7980 Datasheet
1Mb / 22P
   16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev Pr C
AD7980 AD-AD7980_13 Datasheet
485Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7980BRMZRL7 AD-AD7980BRMZRL7 Datasheet
411Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
AD7983 AD-AD7983 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7983 AD-AD7983_15 Datasheet
512Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7982 AD-AD7982 Datasheet
416Kb / 23P
   18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev PrC
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com