Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF422 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF422
Description  RF POWER TRANSISTORS NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF422 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF422 Datasheet HTML 1Page - Motorola, Inc MRF422 Datasheet HTML 2Page - Motorola, Inc MRF422 Datasheet HTML 3Page - Motorola, Inc MRF422 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MRF422
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
RF Power Transistor
Designed primarily for applications as a high–power linear amplifier from 2.0
to 30 MHz.
• Specified 28 Volt, 30 MHz Characteristics —
Output Power = 150 W (PEP)
Minimum Gain = 10 dB
Efficiency = 40%
• Intermodulation Distortion @ 150 W (PEP) —
IMD = – 30 dB (Min)
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
40
Vdc
Collector–Base Voltage
VCBO
85
Vdc
Emitter–Base Voltage
VEBO
3.0
Vdc
Collector Current — Continuous
IC
20
Adc
Withstanding Current — 10 s
30
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
290
1.66
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.6
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (IC = 200 mAdc, IB = 0)
V(BR)CEO
35
Vdc
Collector–Emitter Breakdown Voltage (IC = 100 mAdc, VBE = 0)
V(BR)CES
85
Vdc
Collector–Base Breakdown Voltage (IC = 100 mAdc, IE = 0)
V(BR)CBO
85
Vdc
Emitter–Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
V(BR)EBO
3.0
Vdc
Collector Cutoff Current (VCE = 28 Vdc, VBE = 0, TC = 25°C)
ICES
20
mAdc
(continued)
Order this document
by MRF422/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF422
150 W (PEP), 30 MHz
RF POWER
TRANSISTORS
NPN SILICON
CASE 211–11, STYLE 1
© Motorola, Inc. 1994
REV 6


Similar Part No. - MRF422

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF422 MACOM-MRF422 Datasheet
132Kb / 4P
   The RF Line NPN Silicon RF Power Transistor
logo
Advanced Semiconductor
MRF422 ASI-MRF422 Datasheet
21Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
   The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
   The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
logo
eleflow technologies co...
MRF422 ELEFLOW-MRF422 Datasheet
39Kb / 1P
   NPN Silicon RF power transistor
More results

Similar Description - MRF422

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1946 MOTOROLA-MRF1946 Datasheet
141Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
2N6082 NJSEMI-2N6082 Datasheet
83Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF401 MOTOROLA-MRF401 Datasheet
497Kb / 3P
   NPN SILICON RF POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6083 NJSEMI-2N6083 Datasheet
130Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF314 MOTOROLA-MRF314 Datasheet
113Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
logo
Tyco Electronics
MRF314 MACOM-MRF314 Datasheet
200Kb / 5P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
MRF652 NJSEMI-MRF652 Datasheet
81Kb / 1P
   NPN Silicon RF Power Transistors
logo
Motorola, Inc
MRF421 MOTOROLA-MRF421 Datasheet
102Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
MRF891 MOTOROLA-MRF891 Datasheet
116Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
MRF240 MOTOROLA-MRF240 Datasheet
129Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com