Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE1AN-DC24V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # HE1AN-DC24V
Description  TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HE1AN-DC24V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  HE1AN-DC24V Datasheet HTML 1Page - Panasonic Semiconductor HE1AN-DC24V Datasheet HTML 2Page - Panasonic Semiconductor HE1AN-DC24V Datasheet HTML 3Page - Panasonic Semiconductor HE1AN-DC24V Datasheet HTML 4Page - Panasonic Semiconductor HE1AN-DC24V Datasheet HTML 5Page - Panasonic Semiconductor HE1AN-DC24V Datasheet HTML 6Page - Panasonic Semiconductor HE1AN-DC24V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HE
ASCTB183E 201202-T
CLASSIFICATION
ORDERING INFORMATION
TV-10/TV-15 rated
1a 30A, 2a 20A
power relays
HE RELAYS
Type
PC board
Plug-in
TM
Screw terminal
Operating funciton
Single side stable
Contact arrangement
1 Form A
1 Form A
2 Form A
1 Form A
2 Form A
1 Form A
2 Form A
VDE
1 Form A Plug-in type
RoHS compliant
FEATURES
1. Excellent resistance to contact
welding
Owing to the pre-tension and kick-off
mechanism, the 1 Form A passes TV-15
and the 2 Form A passes TV-10.
2. High-capacity and long life
3. Excellent surge resistance
Between contacts and coil, the surge
voltage is more than 10,000 V
(when surge waveform accords with
JEC-212-1981).
4. Compatible with all major safety
standards
UL, CSA, VDE and TÜV certified
5. Terminals are available
TYPICAL APPLICATIONS
1. Office equipment
Copiers, package air conditioners,
automatic vending machines.
2. Industrial equipment
Machine tools, molding equipment,
wrapping machines, food processing
equipment, etc.
3. Home appliances
Air conditioners, microwave ovens,
televisions, stereo systems, water
heaters and air heating equipment.
Contact
arrangement
1 Form A type 2 Form A type
Contact capacity
30A
20A
Electrical life
(at 20 times/min.)
2
×105
Mechanical life
(at 180 times/min.)
DC type: 107, AC type: 5
×106
* Reference value
Type
Single side stable type
HE 1 Form A, 2 Form A
Insulation gap
Min. 8 mm
Distance between contacts*
1 Form A and 2 Form A:
Min. 3 mm
PC board type:
Min. 2.5 mm
Breakdown
voltage
Between open contacts
2, 000 Vrms for 1 min.
Between contact and coil
5, 000 Vrms for 1 min.
HE Relay
Contact arrangement
1a: 1 Form A (Single side stable type)
2a: 2 Form A (Single side stable type)
HE
Pick-up voltage
N: 70% of nominal voltage
Terminals
Nil:
S:
Q:
P:
Plug-in type
Screw terminal type
TM type
PC board type
Nominal coil voltage
DC
AC
6, 12, 24, 48, 100, 110 V
12, 24, 48, 100 (100/120), 200 (200/240) V


Similar Part No. - HE1AN-DC24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HE1AN-DC6V NAIS-HE1AN-DC6V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
More results

Similar Description - HE1AN-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE1AN-AC240V PANASONIC-HE1AN-AC240V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays
LKP1AF-24V PANASONIC-LKP1AF-24V Datasheet
63Kb / 3P
   1a 10A TV-5 rated power relays
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
ALA2F12 PANASONIC-ALA2F12 Datasheet
71Kb / 4P
   TV-4 rated. 2a 3A/5A power relays Automatic vending machine
JTN1AS-PA-F-DC5V PANASONIC-JTN1AS-PA-F-DC5V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
logo
Nihon Kaiheiki Industry...
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
   Load for air conditioner 1a 20A power relays
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
   TV IF amplifier and demodulator with TV-identification
January 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com