Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE1AN-DC100V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # HE1AN-DC100V
Description  TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HE1AN-DC100V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  HE1AN-DC100V Datasheet HTML 1Page - Panasonic Semiconductor HE1AN-DC100V Datasheet HTML 2Page - Panasonic Semiconductor HE1AN-DC100V Datasheet HTML 3Page - Panasonic Semiconductor HE1AN-DC100V Datasheet HTML 4Page - Panasonic Semiconductor HE1AN-DC100V Datasheet HTML 5Page - Panasonic Semiconductor HE1AN-DC100V Datasheet HTML 6Page - Panasonic Semiconductor HE1AN-DC100V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HE
ASCTB183E 201202-T
DIMENSIONS (mm inch)
1. PC board type
2. Plug-in type
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1 Form A
External dimensions
Single side stable type
General tolerance:
±0.3 ±.012
38.0
1.496
36.3
1.429
.020
0.5
4
.157
4.7
.185
33
1.299
Schematic (Bottom view)
Single side stable type
14
5
6
PC board pattern (Bottom view)
32
1.260
.331
8.4
18.6
.732
6-.079 dia.
6-2 dia. hole
24
.945
4.7
.185
Tolerance:
±0.1 ±.004
CAD Data
1 Form A
External dimensions
Single side stable type
2-.177 dia.
2-4.5 dia.
14
5
6
R4
R.157
.138
3.5
.404
.331
10.25
8.4
6.35
0.8
.250
.031
#250 tab terminal
33
1.299
10.4
.409
35
1.378
0.8
.031
36.4
1.433
40
50
1.575
1.969
General tolerance:
±0.3 ±.012
Schematic (Bottom view)
Single side stable type
Panel cutout
Tolerance:
±0.1 ±.004
14
5
6
2-.177
±.004 dia.
2-4.5
±0.1 dia.
40
±0.1
1.575
±.004
CAD Data
2 Form A
External dimensions
Single side stable type
2-.177 dia.
2-4.5 dia.
5
6
R4
R.157
33
1.299
36.4
1.433
40
50
1.575
1.969
12
3
4
.138
3.5
.404
.331
10.25
8.4
6.35
0.8
.250
.031
#250 tab terminal
35
1.378
0.8
.031
.567
14.4
10.4
.409
General tolerance:
±0.3 ±.012
Schematic (Bottom view)
Single side stable type
Panel cutout
Tolerance:
±0.1 ±.004
1
65
2
34
2-.177
±.004 dia.
2-4.5
±0.1 dia.
40
±0.1
1.575
±.004
CAD Data


Similar Part No. - HE1AN-DC100V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HE1AN-DC6V NAIS-HE1AN-DC6V Datasheet
220Kb / 6P
   TV-15, 30 AMP (1 Form A) Power Relay
More results

Similar Description - HE1AN-DC100V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HE1AN-AC240V PANASONIC-HE1AN-AC240V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays
LKP1AF-24V PANASONIC-LKP1AF-24V Datasheet
63Kb / 3P
   1a 10A TV-5 rated power relays
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
ALA2F12 PANASONIC-ALA2F12 Datasheet
71Kb / 4P
   TV-4 rated. 2a 3A/5A power relays Automatic vending machine
JTN1AS-PA-F-DC5V PANASONIC-JTN1AS-PA-F-DC5V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
logo
Nihon Kaiheiki Industry...
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
   Load for air conditioner 1a 20A power relays
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
   TV IF amplifier and demodulator with TV-identification
January 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com