Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1280A-1CQ160M Datasheet(PDF) 11 Page - Microsemi Corporation

Part # A1280A-1CQ160M
Description  ACT 2 Family FPGAs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1280A-1CQ160M Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button A1280A-1CQ160M Datasheet HTML 7Page - Microsemi Corporation A1280A-1CQ160M Datasheet HTML 8Page - Microsemi Corporation A1280A-1CQ160M Datasheet HTML 9Page - Microsemi Corporation A1280A-1CQ160M Datasheet HTML 10Page - Microsemi Corporation A1280A-1CQ160M Datasheet HTML 11Page - Microsemi Corporation A1280A-1CQ160M Datasheet HTML 12Page - Microsemi Corporation A1280A-1CQ160M Datasheet HTML 13Page - Microsemi Corporation A1280A-1CQ160M Datasheet HTML 14Page - Microsemi Corporation A1280A-1CQ160M Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
ACT 2 Family FPGAs
R e visio n 8
2 -5
To calculate the active power dissipated from the complete design, the switching frequency of each part
of the logic must be known. EQ 4 shows a piece-wise linear summation over all components.
Power =VCC2 * [(m * CEQM * fm)modules + (n * CEQI * fn) inputs
+ (p * (CEQO+ CL) * fp)outputs
+ 0.5 * (q1 * CEQCR * fq1)routed_Clk1 + (r1 * fq1)routed_Clk1
+ 0.5 * (q2 * CEQCR * fq2)routed_Clk2 + (r2 * fq2)routed_Clk2
EQ 4
Where:
m = Number of logic modules switching at fm
n = Number of input buffers switching at fn
p = Number of output buffers switching at fp
q1 = Number of clock loads on the first routed array clock
q2 = Number of clock loads on the second routed array clock
r1 = Fixed capacitance due to first routed array clock
r2 = Fixed capacitance due to second routed array clock
CEQM = Equivalent capacitance of logic modules in pF
CEQI = Equivalent capacitance of input buffers in pF
CEQO = Equivalent capacitance of output buffers in pF
CEQCR = Equivalent capacitance of routed array clock in pF
CL = Output lead capacitance in pF
fm = Average logic module switching rate in MHz
fn = Average input buffer switching rate in MHz
fp = Average output buffer switching rate in MHz
fq1 = Average first routed array clock rate in MHz
fq2 = Average second routed array clock rate in MHz
Table 2-7 • Fixed Capacitance Values for Microsemi FPGAs
Device Type
r1, routed_Clk1
r2, routed_Clk2
A1225A
106
106.0
A1240A
134
134.2
A1280A
168
167.8


Similar Part No. - A1280A-1CQ160M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1280A-1CQ172B ACTEL-A1280A-1CQ172B Datasheet
1Mb / 98P
   HiRel FPGAs
A1280A-1CQ172B ACTEL-A1280A-1CQ172B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A1280A-1CQ176B ACTEL-A1280A-1CQ176B Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1280A-1CQ176C ACTEL-A1280A-1CQ176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1280A-1CQ176I ACTEL-A1280A-1CQ176I Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results

Similar Description - A1280A-1CQ160M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com