Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2RL-1A-E Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G2RL-1A-E
Description  A Power Relay with Various Models
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RL-1A-E Datasheet(HTML) 4 Page - Omron Electronics LLC

  G2RL-1A-E Datasheet HTML 1Page - Omron Electronics LLC G2RL-1A-E Datasheet HTML 2Page - Omron Electronics LLC G2RL-1A-E Datasheet HTML 3Page - Omron Electronics LLC G2RL-1A-E Datasheet HTML 4Page - Omron Electronics LLC G2RL-1A-E Datasheet HTML 5Page - Omron Electronics LLC G2RL-1A-E Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
224
PCB Relay
G2RL
Engineering Data
Note: Contact your OMRON representative for the data on fully sealed models.
Ambient temperature (
°C)
G2RL-1A, G2RL-1
G2RL-1A-E, G2RL-1-E
Note: The maximum coil voltage refers to the maximum
value in a varying range of operating power
voltage, not a continuous voltage.
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500 1,000
AC resistive load
DC resistive
load
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500 1,000
AC resistive load
DC resistive
load
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500 1,000
AC resistive load
DC resistive
load
250
200
150
100
50
0
10
20
30
40
50
60
70
80
90 100
180
130
85
Ambient temperature (
°C)
100
90
80
70
60
50
40
30
20
10
060
40
20
80
100
120
Must operate voltage
Must release voltage
max.
min.
max.
min.
Sample: G2RL-14-E 24 VDC
Quantity: 5
Ambient temperature (
°C)
G2RL-2A, G2RL-2
G2RL-1A-E, G2RL-1-E
G2RL-1A, G2RL-1
G2RL-1A-H, G2RL-1-H
AC resistive load
DC resistive
load
Switching voltage (V)
G2RL-1A-H, G2RL-1-H
G2RL-2A, G2RL-2
■ Ambient Temperature
vs Rated Carry Current
■ Maximum Switching Capacity
■ Ambient Temperature
vs Maximum Coil Voltage
■ Ambient Temperature vs
Must Operate and
Must Release Voltages
Z
Z'
Shock direction
Y
Y'
XX'
Z'
Z
Y
Y'
X'
X
1,000
1,000
1,000
1,000
1,000
1,000
NC contact
150
NO contact
Unit: m/s
2
Z
Z'
Shock direction
Y
Y'
XX'
Z'
Z
Y
Y'
X'
X
1,000
1,000
1,000
1,000
1,000
1,000
NC contact
130
NO contact
Unit: m/s
2
G2RL-1 (A)-E
Sample:
G2RL-14 DC12V
Number of Relays: 5pcs
Conditions:
Shock is applied in ±X,±Y,±Z
directions three times each
with and without energizing the
Relays to check the number of
malfunctions.
Requirement:
None malfunction 100m/s
2
Sample:
G2RL-24 DC12V
Number of Relays: 5pcs
Conditions:
Shock is applied in ±X,±Y,±Z
directions three times each
with and without energizing the
Relays to check the number of
malfunctions.
Requirement:
None malfunction 100m/s
2
G2RL-2 (A)
■ Shock Malfunction


Similar Part No. - G2RL-1A-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL-1A-E OMRON-G2RL-1A-E Datasheet
946Kb / 8P
   PCB Relay
G2RL-1A-E OMRON-G2RL-1A-E Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1A-E OMRON-G2RL-1A-E Datasheet
513Kb / 6P
   PCB Relay
G2RL-1A-E OMRON-G2RL-1A-E Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1A-E OMRON-G2RL-1A-E Datasheet
182Kb / 6P
   High Capacity, Low Profile Relay
More results

Similar Description - G2RL-1A-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
   A Power Relay for a Variety of Purposes with Various Models
G2R-1A OMRON-G2R-1A Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G9EB-1 OMRON-G9EB-1 Datasheet
247Kb / 8P
   DC Power Relays (25-A Models)
G9EC-1 OMRON-G9EC-1 Datasheet
421Kb / 10P
   DC Power Relays (200-A Models)
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com